Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-PN Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-PN
Description  PHASED ARRAY NONIUS ENCODERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PN Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-PN Datasheet HTML 3Page - IC-Haus GmbH IC-PN Datasheet HTML 4Page - IC-Haus GmbH IC-PN Datasheet HTML 5Page - IC-Haus GmbH IC-PN Datasheet HTML 6Page - IC-Haus GmbH IC-PN Datasheet HTML 7Page - IC-Haus GmbH IC-PN Datasheet HTML 8Page - IC-Haus GmbH IC-PN Datasheet HTML 9Page - IC-Haus GmbH IC-PN Datasheet HTML 10Page - IC-Haus GmbH IC-PN Datasheet HTML 11Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
preliminary
preliminary
iC-PN Series
PHASED ARRAY NONIUS ENCODERS
Rev E1, Page 8/11
DEVICE OVERVIEW
Device
CPR
Code Disc
OR 1
Code Radius
Resol. 2 Error Tol. 3
Master P/O Code
Material
[mm] begin / end [mm]
[bit]
[el.deg.]
∅ 18 Series
(disc diameter 18 mm, bore hole 3.0 mm)
iC-PN1864
64 LSHC16S 18-64N
glass
6.905
5.3 / 8.4
19
±
19.6
iC-PN1856
256 LSHC15S 18-256
glass
6.905
5.3 / 8.4
21
±
9.8
∅ 26 Series
(disc diameter 26.0 mm, bore hole 11.6 mm)
iC-PN2656
256 LSHC4S 26-256N
glass
10.905
9.3 / 12.5
21
±
9.8
iC-PN2612
512 LSHC11S 26-512N
glass
10.905
9.3 / 12.5
22
±
4.9
iC-PN2624
1024 LSHC1S 26-1024N
glass
10.905
9.3 / 12.5
23
±
4.9
H-Series 4
(disc diameter 26.0 mm, bore hole 11.6 mm)
iC-PNH2628
2x64 PNH6S 26-128
glass
10.905
9.4 / 12.4
20
±
19.6
iC-PNH2612
2x256 PNH3S 26-512
glass
10.905
9.4 / 12.4
22
±
9.8
iC-PNH2624
2x512 PNH5S 26-1024
glass
10.905
9.4 / 12.4
23
±
4.9
∅ 33 Series
(disc diameter 33.0 mm, bore hole 18.0 mm)
iC-PN3356
256 LSHC13S 33-256N
glass
14.5
12.9 / 16.1
21
±
9.8
iC-PN3312
512 LSHC9S 33-512N
glass
14.5
12.9 / 16.1
22
±
4.9
iC-PN3324
1024 LSHC10S 33-1024N
glass
14.5
12.9 / 16.1
23
±
4.9
H-Series 4
(disc diameter 33.2 mm, bore hole 18.0 mm)
iC-PNH3312
2x256 PNH2S 33-512
glass
14.5
13.0 / 16.0
22
±
9.8
iC-PNH3348 5 2x1024 PNH1S 33-2048
glass
14.5
13.0 / 16.0
24
±
4.9
∅ 39 Series
(disc diameter 39.0 mm, bore hole 13.0 mm)
iC-PN3924
1024 LSHC12S 39-1024N
glass
17.5
15.9 / 19.1
23
±
4.9
H-Series 4
(disc diameter 39.0 mm, bore hole 18.0 mm)
iC-PNH3912
2x256 PNH8S 39-512
glass
17.5
16.0 / 19.0
22
±
4.9
iC-PNH3948
2x1024 PNH4S 39-2048
glass
17.5
16.0 / 19.0
24
±
4.9
1 Optical center radius.
2 Angle resolution per single turn; interpolated by iC-MN with 13 bit resolution.
3 Permissible maximum track-to-track phase deviation in electrical degree per master signal cycle.
4 Refer to iC-PNH Series datasheet available separately.
5 EncoderBlue® component. EncoderBlue is a trademark of iC-Haus GmbH.
Device availability on request.
Table 4: Device overview


Similar Part No. - IC-PN

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PN2612 ICHAUS-IC-PN2612 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-512
IC-PN2624 ICHAUS-IC-PN2624 Datasheet
253Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2624 ICHAUS-IC-PN2624 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2624CHIP ICHAUS-IC-PN2624CHIP Datasheet
253Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2624OBGALSH2C ICHAUS-IC-PN2624OBGALSH2C Datasheet
253Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
More results

Similar Description - IC-PN

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PNH ICHAUS-IC-PNH Datasheet
483Kb / 10P
   PHASED ARRAY NONIUS ENCODERS
IC-PNH3348 ICHAUS-IC-PNH3348 Datasheet
481Kb / 10P
   PHASED ARRAY NONIUS ENCODER
IC-PN3312 ICHAUS-IC-PN3312 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-512
IC-PN2656 ICHAUS-IC-PN2656 Datasheet
398Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PN3324 ICHAUS-IC-PN3324 Datasheet
563Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-1024
IC-PN2612 ICHAUS-IC-PN2612 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-512
IC-PN2624 ICHAUS-IC-PN2624 Datasheet
253Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2624 ICHAUS-IC-PN2624_10 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2656 ICHAUS-IC-PN2656_10 Datasheet
584Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PTH ICHAUS-IC-PTH Datasheet
1Mb / 14P
   6-CH. PHASED ARRAY OPTO ENCODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com