Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-OG Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-OG
Description  8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OG Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-OG_12 Datasheet HTML 2Page - IC-Haus GmbH IC-OG_12 Datasheet HTML 3Page - IC-Haus GmbH IC-OG_12 Datasheet HTML 4Page - IC-Haus GmbH IC-OG_12 Datasheet HTML 5Page - IC-Haus GmbH IC-OG_12 Datasheet HTML 6Page - IC-Haus GmbH IC-OG_12 Datasheet HTML 7Page - IC-Haus GmbH IC-OG_12 Datasheet HTML 8Page - IC-Haus GmbH IC-OG_12 Datasheet HTML 9Page - IC-Haus GmbH IC-OG_12 Datasheet HTML 10Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
preliminary
preliminary
iC-OG
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Rev D1, Page 6/10
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = 5 V ±10%, Tj = -40 to 125 °C, unless otherwise noted.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VCC
Permissible Supply Voltage
4.5
5.5
V
002
I(VCC)
Supply Current in VCC,
Outputs S0..7 hi
LED control active: R(ISET/AGND) = 140 kΩ,
10
mA
I(LED) ≈ 8 mA, NER = hi;
I(DP0..7) = 30 nA, I(DN0..7) = 3 nA,
I(S0..7) = 0;
003
I(VCC)
Supply Current in VCC,
Outputs S0..7 lo
LED control active: R(ISET/AGND) = 14 kΩ,
10
mA
I(LED) ≈ 80 mA, NER = hi;
I(DP0..7) = 3 nA, I(DN0..7) = 30 nA,
I(S0..7) = 0;
004
fc()
Cut-off Frequency, tracks 0..7
sinusoidal waveform,
100
kHz
I(DP0..7) = 3...30 nA
I(DN0..7) = 30...3 nA
005
tp()
Propagation Delay
see No. 4
2.5
µs
006
fc()
Cut-off Frequency, tracks 0..7
sinusoidal waveform,
200
kHz
I(DP0..7) = 6...60 nA
I(DN0..7) = 60...6 nA
007
tp()
Propagation Delay
see No. 6
1.5
µs
Photodiodes and Amplifiers, tracks 0..7
101
Aph(D)
Radiant Sensitive Area
0.2 mm x 0.3 mm
0.06
mm2
102
S(λ)max
Spectral Sensitivity
λ
= 850 nm
0.5
A/W
103
λ
ar
Spectral Application Range
S(λar) = 0.1 x S(λ)max
500
1050
nm
104
Iph(D)
Permissible Photocurrent
90
nA
105
CM()
Common Mode DPi to DNi
0.85
1
1.15
Difference Comparators, tracks 0..7
201
Hys
Hysteresis referred to
[I(DPi) + I(DNi)] / 2
8
11
17
%
Push-Pull Outputs S0..7
301
Vs()hi
Saturation Voltage hi
Vs()hi = VCC - V(); I() = -40 µA
0.95
V
Tj = 27°C
0.69
V
302
Vs()hi
Saturation Voltage hi
Vs()hi = VCC - V(); I() = -400 µA
1.05
V
Tj = 27°C
0.83
V
303
Vs()lo
Saturation Voltage lo
I() = 1.6 mA;
0.4
V
Tj = 27°C
0.22
V
304
Isc()hi
Short-Circuit Current hi
V() = 0 V...VCC - 1.2 V
-7
-4.6
-1.4
mA
305
Isc()lo
Short-Circuit Current lo
V() = 0.4 V...VCC
1.8
7.3
13
mA
306
SR()hi
Slew-Rate hi
CL = 30 pF;
24
130
V/µs
Tj = 27°C
61
V/µs
307
SR()lo
Slew-Rate lo
CL = 30 pF;
40
380
V/µs
Tj = 27°C
115
V/µs
308
Vc()hi
Clamp Voltage hi
Vc()hi = V() - VCC; S() = hi, I() = 3 mA
0.4
1.5
V
309
Vc()lo
Clamp Voltage lo
S() = lo, I() = -3 mA
-1.5
-0.4
V
Analog Outputs NI0..2
501
CR()
Current Ratio
I(NIi) / (I(DPi) - I(DNi))
V(NIi) = 0.3 V...VCC - 1.2 V,
550
1250
I(DPi) = 3...90 nA, I(DNi) = 90...3 nA;
Tj = 27°C
720
502
I0()
Leakage Current
V(NI) = 0.3 V...VCC - 1.2 V, I(DPi,DNi) = 0
-1.5
1.5
µA
503
fc()
Cut-off Frequency
V(NIi) = constant, sinussoidal waveform,
100
kHz
I(DPi) = 3...30 nA, I(DNi) = 30...3 nA
504
fc()
Cut-off Frequency
V(NIi) = constant, sinussoidal waveform,
200
kHz
I(DPi) = 6...60 nA, I(DNi) = 60...6 nA
505
fc()
Cut-off Frequency
R(VCC/NIi) = 50 kΩ, R(NIi/GND) = 50 kΩ,
50
80
kHz
CL() = 30 pF
506
Vc()hi
Clamp Voltage hi
Vc()hi = V() - VCC; I() = 3 mA
0.4
1.5
V
507
Vc()lo
Clamp Voltage lo
I() = -3 mA
-1.5
-0.4
V


Similar Part No. - IC-OG_12

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OGBLCCOGC ICHAUS-IC-OGBLCCOGC Datasheet
216Kb / 9P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OGCHIP ICHAUS-IC-OGCHIP Datasheet
216Kb / 9P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
More results

Similar Description - IC-OG_12

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OG ICHAUS-IC-OG Datasheet
216Kb / 9P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
   14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
   5-BIT OPTO ENCODER
IC-OV ICHAUS-IC-OV Datasheet
412Kb / 9P
   5-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV Datasheet
196Kb / 12P
   5-BIT OPTO ENCODER
IC-LNB ICHAUS-IC-LNB_16 Datasheet
1Mb / 37P
   18-BIT OPTO ENCODER
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
   3-BIT OPTO ENCODER
IC-OW ICHAUS-IC-OW Datasheet
243Kb / 7P
   INCREMENTAL OPTO ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com