Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NX Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-NX
Description  8-CHANNEL LIGHT-GRID PULSE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NX Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-NX Datasheet HTML 2Page - IC-Haus GmbH IC-NX Datasheet HTML 3Page - IC-Haus GmbH IC-NX Datasheet HTML 4Page - IC-Haus GmbH IC-NX Datasheet HTML 5Page - IC-Haus GmbH IC-NX Datasheet HTML 6Page - IC-Haus GmbH IC-NX Datasheet HTML 7Page - IC-Haus GmbH IC-NX Datasheet HTML 8Page - IC-Haus GmbH IC-NX Datasheet HTML 9Page - IC-Haus GmbH IC-NX Datasheet HTML 10Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
iC-NX
8-CHANNEL LIGHT-GRID PULSE DRIVER
Rev C1, Page 7/10
OPERATING REQUIREMENTS: Logic
Operating Conditions: VDD = 4.75...6.0 V, Ta = 0...70 °C, CL() = 50 pF,
input levels lo = 0...0.45 V, hi = VDD - 0.45...VDD, see Fig. 1 for reference levels and waveforms
Item
Symbol
Parameter
Conditions
Fig.
Unit
No.
Min.
Max.
I001
ten
Activation Time (standby to operation):
DIN lo → hi before CLK lo → hi
4
5
µs
I002
tset
Setup time:
DIN stable before CLK lo → hi
2
50
ns
I003
thold
Hold Time:
DIN stable after CLK lo → hi
2
50
ns
I004
tw
LED Pulse time:
1st to 2nd CLK lo → hi
4
0.5
µs
t
V
Vt()hi
Vt()lo
VDD − 0.45 V
0.45 V
0
1
Input/Output
Figure 1: Reference levels
CLK
DIN
Q1= SEND
Q2
t
DOUT
Q3
SHEN
V(LED)
(CLK−DOUT)
set1
t hold1
t set2
t hold2
t plh
(CLK−DOUT)
t phl
Figure 2: Timing characteristics
I(LED)
t
Ipk
10 % I pk
90 % I pk
t r
t f
Figure 3: LED current pulse
CLK
DIN
Q1 = SEND
DOUT
Q2
t phl (CLK−LED)
Q3
t en
I(LED)
10 %
t w
90 %
t plh (CLK−LED)
SHEN
I(SHEN)
Figure 4: LED current pulse definition by clock signal (dashed line de-
notes I(SHEN) in case of an interrupted LED path)


Similar Part No. - IC-NX

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NE ICHAUS-IC-NE Datasheet
230Kb / 9P
   LIGHT-GRID PULSE RECEIVER
IC-NEMSOP8 ICHAUS-IC-NEMSOP8 Datasheet
230Kb / 9P
   LIGHT-GRID PULSE RECEIVER
IC-NESO8 ICHAUS-IC-NESO8 Datasheet
230Kb / 9P
   LIGHT-GRID PULSE RECEIVER
IC-NG ICHAUS-IC-NG Datasheet
498Kb / 21P
   8-BIT Sin/D CONVERTER-PROCESSOR
IC-NQ ICHAUS-IC-NQ Datasheet
1Mb / 25P
   13-bit Sin/D CONVERTER WITH CALIBRATION
More results

Similar Description - IC-NX

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NE ICHAUS-IC-NE Datasheet
230Kb / 9P
   LIGHT-GRID PULSE RECEIVER
IC-ME ICHAUS-IC-ME Datasheet
444Kb / 11P
   DUAL LIGHT-GRID PULSE RECEIVER
IC-NT ICHAUS-IC-NT Datasheet
205Kb / 8P
   LIGHT CHAIN PULSE DRIVER
logo
Pepperl+Fuchs Inc.
LGS17 PF-LGS17 Datasheet
941Kb / 10P
   Light grid
LGM17 PF-LGM17 Datasheet
962Kb / 11P
   Light grid
LGM25 PF-LGM25 Datasheet
962Kb / 11P
   Light grid
LGS8 PF-LGS8 Datasheet
918Kb / 9P
   Light grid
LGM8 PF-LGM8 Datasheet
927Kb / 10P
   Light grid
LGM50 PF-LGM50 Datasheet
939Kb / 10P
   Light grid
LGS50 PF-LGS50 Datasheet
917Kb / 9P
   Light grid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com