Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MH Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-MH
Description  12-BIT ANGULAR HALL ENCODER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MH Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-MH Datasheet HTML 1Page - IC-Haus GmbH IC-MH Datasheet HTML 2Page - IC-Haus GmbH IC-MH Datasheet HTML 3Page - IC-Haus GmbH IC-MH Datasheet HTML 4Page - IC-Haus GmbH IC-MH Datasheet HTML 5Page - IC-Haus GmbH IC-MH Datasheet HTML 6Page - IC-Haus GmbH IC-MH Datasheet HTML 7Page - IC-Haus GmbH IC-MH Datasheet HTML 8Page - IC-Haus GmbH IC-MH Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
iC-MH
12-BIT ANGULAR HALL ENCODER
Rev C2, Page 2/26
DESCRIPTION
The iC-MH 12-bit angular encoder is a position sensor
with integrated Hall sensors for scanning a permanent
magnet. The signal conditioning unit generates con-
stant amplitude sine and cosine voltages that can
be used for angle calculation. The resolution can
be programmed up to a maximum of 4,096 angular
increments per rotation.
The integrated BiSS Interface also enables the posi-
tion data of several networked sensors to be read out.
And the integrated memory can be written embedded
in the data protocol.
The incremental interface with the pins A, B and Z
supplies quadrature signals with an edge rate of up to
8 MHz. Interpolation can be carried out with maximum
resolution at a speed of 120,000 rpm. The position of
the index pulse Z is adjustable.
The commutation interface with the signals U, V and
W provides 120° phase-shifted signals for block com-
mutation. The zero point of the commutation signals
is freely definable in increments of 1.875° over 360°.
The commutation signals are available for EC motors
with 1 and 2 pole pairs.
The RS422-compatible outputs of the incremental
interface and the commutation interface are pro-
grammable in the output current and the slew rate.
In conjunction with a rotating permanent magnet, the
iC-MH module forms a one-chip encoder. The entire
configuration can be stored in the internal parameter
ROM with zapping diodes. The integrated program-
ming algorithm is responsible for the writing of the
ROM structure.
The device described here is a multifunctional iC that contains
integrated BiSS C interface components. The BiSS C process is
protected by patent DE 10310622 B4 owned by iC-Haus GmbH
and its application requires the conclusion of a license (free of
charge).
Download the license at www.biss-interface.com/bua
PACKAGING INFORMATION QFN28 5 mm x 5 mm to JEDEC MO-220-VHHD-1
PIN CONFIGURATION QFN28 5 mm x 5 mm
MH
22
23
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
21
20
19
18
17
16
15
PTE
NERR
VPA
VNA
SLI
MA
SLO
V
W
nc
nc
nc
nc
nc
nc
nc
nc
nc
nc
nc
nc
VZAP
U
VPD
VND
Z
B
A
PIN FUNCTIONS
No.
Name Function
1 PTE
Test Enable Pin
(connect to VNA, VND)
2 NERR Error Output (active low)
3 VPA
+5 V Supply Voltage (analog)
4 VNA
Ground (analog)
5 SLI
BiSS Interface, Data Input
6 MA
BiSS Interface, Clock Input
7 SLO
BiSS Interface, Data Output
8-11 nc
not connected
12 VZAP Zener Zapping Programming Voltage
13,14 nc
not connected
15 A
Incremental A (+NU)
16 B
Incremental B (+NV)
17 Z
Index Z (+NW)
18 VND
Ground (digital)
19 VPD
+5 V Supply Voltage (digital)
20 U
Commutation U (+NA)
21 V
Commutation V (+NB)
22 W
Commutation W (+NZ)
23-28 nc
not connected
TP
Thermal Pad
The Thermal Pad is to be connected to VNA on the PCB. Orientation of the logo ( MH CODE ...) is subject to
alteration.


Similar Part No. - IC-MH

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
   12 BIT ANGULAR HALL ENCODER
IC-MH16 ICHAUS-IC-MH16 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8 Datasheet
276Kb / 2P
   12 BIT HALL ENCODER
IC-MH8 ICHAUS-IC-MH8 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
More results

Similar Description - IC-MH

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
IC-MH8 ICHAUS-IC-MH8 Datasheet
276Kb / 2P
   12 BIT HALL ENCODER
MHL200 ICHAUS-MHL200 Datasheet
613Kb / 28P
   12-BIT LINEAR /ROTARY POSITION HALL ENCODER
IC-MHL200 ICHAUS-IC-MHL200 Datasheet
1,021Kb / 33P
   12-BIT LINEAR / ROTARY POSITION HALL ENCODER
logo
Broadcom Corporation.
AEAT-8800-Q24 BOARDCOM-AEAT-8800-Q24 Datasheet
1Mb / 21P
   10-Bit to16-Bit Programmable Angular Magnetic Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com