Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MA Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-MA
Description  8-BIT ANGULAR HALL SENSOR / ENCODER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MA Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-MA Datasheet HTML 1Page - IC-Haus GmbH IC-MA Datasheet HTML 2Page - IC-Haus GmbH IC-MA Datasheet HTML 3Page - IC-Haus GmbH IC-MA Datasheet HTML 4Page - IC-Haus GmbH IC-MA Datasheet HTML 5Page - IC-Haus GmbH IC-MA Datasheet HTML 6Page - IC-Haus GmbH IC-MA Datasheet HTML 7Page - IC-Haus GmbH IC-MA Datasheet HTML 8Page - IC-Haus GmbH IC-MA Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
iC-MA
8-BIT ANGULAR HALL SENSOR / ENCODER
Rev C1, Page 4/19
PACKAGE DIMENSIONS
4
2
TOP
SIDE
3.10
0.30
0.65
BOTTOM
3.20
R0.175
0.65
0.35
RECOMMENDED PCB-FOOTPRINT
dra_dfn10-4x4-1_ma_u_pack_1, 10:1
All dimensions given in mm.
Tolerances of form and position according to JEDEC MO-229.
Tolerance of sensor pattern: ±0.10mm / ±1° (with respect to center of backside pad).


Similar Part No. - IC-MA

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
IC-MACHIP ICHAUS-IC-MACHIP Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
IC-MADFN10 ICHAUS-IC-MADFN10 Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
IC-MAEVALMA1D ICHAUS-IC-MAEVALMA1D Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
More results

Similar Description - IC-MA

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
   12-BIT ANGULAR HALL ENCODER
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
IC-MV ICHAUS-IC-MV Datasheet
5Mb / 28P
   8-BIT HALL ENCODER
IC-MHA ICHAUS-IC-MHA_14 Datasheet
353Kb / 10P
   ANALOG ANGULAR HALL SENSOR
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
   Magnetic Rotary Encoder 14-bit Angular Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com