Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-LV Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-LV
Description  5-BIT OPTO ENCODER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LV Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-LV_16 Datasheet HTML 1Page - IC-Haus GmbH IC-LV_16 Datasheet HTML 2Page - IC-Haus GmbH IC-LV_16 Datasheet HTML 3Page - IC-Haus GmbH IC-LV_16 Datasheet HTML 4Page - IC-Haus GmbH IC-LV_16 Datasheet HTML 5Page - IC-Haus GmbH IC-LV_16 Datasheet HTML 6Page - IC-Haus GmbH IC-LV_16 Datasheet HTML 7Page - IC-Haus GmbH IC-LV_16 Datasheet HTML 8Page - IC-Haus GmbH IC-LV_16 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
iC-LV
5-BIT OPTO ENCODER
Rev C1, Page 2/15
DESCRIPTION
iC-LV is an optoelectronic encoder IC for absolute
linear and angle measuring systems such as glass
scales and shaft encoders, for example. Photosen-
sors, amplifiers and comparators for 5 tracks at a pitch
of 600 µm and a reference photosensor operating the
LED power control are monolithically integrated on
the chip.
The internal comparator outputs switch to high when
the amplified photocurrents exceed a given threshold
(constant light evaluation). This threshold can be ad-
justed using an external resistor at RSET; alternatively,
if RSET is not wired an internal resistor is used.
The internal or external resistor also establishes a
setpoint for the LED current control which irrespec-
tive of temperature or the effects of aging keeps the
optical receive power constant. A driver stage en-
ables either a transmitting LED with a series resistor
to be directly connected to the device or operates an
external transistor to generate higher currents.
Track information can be read out in parallel (either
in Gray or binary code) or serially via an SSI protocol.
Here, any number of iC-LVs can be cascaded and
synchronized with one another; data is then output as
a binary word (requiring Gray code discs).
A watchdog generates an alarm message via the error
output if the LED current control range is exceeded.
The open-drain error output can be wired to a bus;
the signal is then low active. The serial data output
can also be complemented by the error bit.
All inputs and outputs are protected against destruc-
tion by ESD. Two different test modes can be selected
by pin and permit a complete test of functions with the
exception of the photosensors.
PACKAGING INFORMATION
PAD LAYOUT
D0
SCLK
VDD
LVCC
SYNM1
SEEN
SYNM0
SERIN
SOUT
GND
AGND
LED
NINV
MODE
TEST
RSET
NERR
NDIR
VCCA
D3
D1
D2
D4
DREF
RC
PAD FUNCTIONS
No. Name
Function
RC1)
RC Network for SSI Monoflop
VCCA2) +4...+5.5 V Analog Supply Voltage
VDD
+4...+5.5 V Digital Supply Voltage
LVCC
+4...+5.5 V LED Driver Supply Voltage
NINV
Bit-wise Inversion Input (low active)
MODE
Operating Mode Selection Input
TEST
Test Mode Enable Input (high active)
RSET1) LED Power Control Adjustment
NERR
Error Output (low active)
NDIR
Direction Input (low active)
LED
LED Power Control Output
(high-side current source)
AGND3) Analog Ground
GND
Digital Ground
SOUT
Serial Data Output (SSI)
/ Data Output D4
SERIN Serial Data Input (SSI) / Data Outp. D3
SCLK
Clock Input (SSI) / Data Output D2
SYNM0 Synchronisation Mode Input
/ Data Output D1
SYNM1 Synchronisation Mode Input
/ Data Output D0
SEEN
Serial Error Bit Enable Inp. (high act.)
1) Wiring is optional.
2) Pad must be connected to VDD.
3) Pad must be connected to GND.


Similar Part No. - IC-LV_16

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LVBLCCLV4C ICHAUS-IC-LVBLCCLV4C Datasheet
196Kb / 12P
   5-BIT OPTO ENCODER
IC-LVCHIP ICHAUS-IC-LVCHIP Datasheet
196Kb / 12P
   5-BIT OPTO ENCODER
More results

Similar Description - IC-LV_16

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OV ICHAUS-IC-OV Datasheet
412Kb / 9P
   5-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV Datasheet
196Kb / 12P
   5-BIT OPTO ENCODER
IC-LNB ICHAUS-IC-LNB_16 Datasheet
1Mb / 37P
   18-BIT OPTO ENCODER
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
   3-BIT OPTO ENCODER
IC-OG ICHAUS-IC-OG_12 Datasheet
567Kb / 10P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OG ICHAUS-IC-OG Datasheet
216Kb / 9P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
   14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OW ICHAUS-IC-OW Datasheet
243Kb / 7P
   INCREMENTAL OPTO ENCODER
IC-LNG ICHAUS-IC-LNG Datasheet
1Mb / 25P
   16-BIT OPTO ENCODER WITH SPI AND SERIAL /PARALLEL OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com