Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-LSC Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-LSC
Description  12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSC Datasheet(HTML) 6 Page - IC-Haus GmbH

  IC-LSC Datasheet HTML 1Page - IC-Haus GmbH IC-LSC Datasheet HTML 2Page - IC-Haus GmbH IC-LSC Datasheet HTML 3Page - IC-Haus GmbH IC-LSC Datasheet HTML 4Page - IC-Haus GmbH IC-LSC Datasheet HTML 5Page - IC-Haus GmbH IC-LSC Datasheet HTML 6Page - IC-Haus GmbH IC-LSC Datasheet HTML 7Page - IC-Haus GmbH IC-LSC Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
iC-LSC
12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
Rev C3, Page 6/8
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = 4...5.5 V, Tj = -40...125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VCC
Permissible Supply Voltage
4
5.5
V
002
I(VCC)
Supply Current in VCC, dark
E() = 0
2
mA
Tj = 27 °C
1.5
mA
003
I(VCC)
Supply Current in VCC
λLED = λpk, E() = 0.1 mW/cm
2
4
mA
Tj = 27 °C
2.2
mA
004
Vc()hi
Clamp-Voltage hi at all pins
I() = 4 mA
11
V
005
Vc()lo
Clamp-Voltage lo at all pins
I() = -4 mA
-1.2
-0.3
V
Photosensors
101
E()mxr
Permissible Irradiance
λLED = λpk
0.2
mW/
cm2
102
Aph()
Radiant Sensitive Area
0.8 mm x 0.3 mm per sensor
0.24
mm2
103
λ
ar
Spectral Application Range
Se(λar) = 0.25 x S(λ)max
400
950
nm
see Figure 1
104
λ
pk
Peak Sensitivity Wavelength
see Figure 1
680
nm
105
S(λ)
Spectral Sensitivity
λLED = λpk
0.45
A/W
Photocurrent Amplifiers
201
Iph()
Permissible Photocurrent
Operating Range
per sensor
0
200
nA
202
η
()r
Photo Sensitivity
(light-to-voltage conversion ratio)
λLED = 740 nm
60
120
A/W
203
CR()
Photocurrent Gain
CR() = Iout() / Iph()
150
200
250
204
fc()hi
Cut-off Frequency (-3 dB)
150
200
kHz
205
Iout()m
Channel Matching
deviation from mean value
-15
+15
%
206
Iout()m
Channel Cross Talk
only one photosensor illuminated at the same
time
0
%
Current Source Outputs
301
Vout()
Permissible Output Voltage
(Operating Range)
1
VCC -
1.5
V
302
Iout()
Permissible Output Current
Vout() = 1 V ... VCC - 1.5 V
-50
µA
VCC = 4.5...5.5 V, Vout() = 1 V ... VCC - 2 V
-200
µA
303
tr(), tf()
Output Current Rise/Fall Time
Iph: 0 → 100 nA, 1T settling (63%);
Vout() = constant
0.7
µs
CL = 30 pF, RL() = 10 kΩ
0.8
µs
304
Iout()0
Output Dark Current
-0.75
+0.75
µA
Figure 1: Relative spectral response
Figure 2: Typical directional characteristics


Similar Part No. - IC-LSC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSC ICHAUS-IC-LSC Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSCCHIP ICHAUS-IC-LSCCHIP Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSCOBGALS2C ICHAUS-IC-LSCOBGALS2C Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSCOBGALS2C-LSCXR ICHAUS-IC-LSCOBGALS2C-LSCXR Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSCOQFN32-N5X5 ICHAUS-IC-LSCOQFN32-N5X5 Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
More results

Similar Description - IC-LSC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSC ICHAUS-IC-LSC Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSB ICHAUS-IC-LSB Datasheet
286Kb / 7P
   8-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSHB ICHAUS-IC-LSHB Datasheet
297Kb / 8P
   INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC Datasheet
368Kb / 7P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-LSHB ICHAUS-IC-LSHB_17 Datasheet
622Kb / 9P
   INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Hamamatsu Corporation
C9051 HAMAMATSU-C9051 Datasheet
142Kb / 2P
   Photosensor amplifier
C2719 HAMAMATSU-C2719 Datasheet
477Kb / 6P
   Photosensor amplifier
logo
Panasonic Semiconductor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
   Reflective Photosensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com