Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-LNG Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-LNG
Description  16-BIT OPTO ENCODER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LNG Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-LNG Datasheet HTML 7Page - IC-Haus GmbH IC-LNG Datasheet HTML 8Page - IC-Haus GmbH IC-LNG Datasheet HTML 9Page - IC-Haus GmbH IC-LNG Datasheet HTML 10Page - IC-Haus GmbH IC-LNG Datasheet HTML 11Page - IC-Haus GmbH IC-LNG Datasheet HTML 12Page - IC-Haus GmbH IC-LNG Datasheet HTML 13Page - IC-Haus GmbH IC-LNG Datasheet HTML 14Page - IC-Haus GmbH IC-LNG Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
preliminary
preliminary
iC-LNG 16-BIT OPTO ENCODER
WITH SPI AND SERIAL / PARALLEL OUTPUTS
Rev B1, Page 11/30
ELECTRICAL CHARACTERISTICS
Operating conditions: VDDA = 4 V to 5.5 V, VDD = 3 V to 5.5 V, GNDA = GND, Tj = -40°C to 125°C, unless otherwise specified.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
804
Isc()lo
Short-Circuit Current lo
4
100
mA
805
tr()
Rise Time
CL = 30 pF, V(): 10% → 90% VDD
30
ns
806
tf()
Fall Time
CL = 30 pF, V(): 90% → 10% VDD
30
ns


Similar Part No. - IC-LNG

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LNG ICHAUS-IC-LNG Datasheet
1Mb / 25P
   16-BIT OPTO ENCODER WITH SPI AND SERIAL /PARALLEL OUTPUTS
More results

Similar Description - IC-LNG

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
   5-BIT OPTO ENCODER
IC-OV ICHAUS-IC-OV Datasheet
412Kb / 9P
   5-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV Datasheet
196Kb / 12P
   5-BIT OPTO ENCODER
IC-LNB ICHAUS-IC-LNB_16 Datasheet
1Mb / 37P
   18-BIT OPTO ENCODER
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
   3-BIT OPTO ENCODER
IC-OG ICHAUS-IC-OG_12 Datasheet
567Kb / 10P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-LNG ICHAUS-IC-LNG Datasheet
1Mb / 25P
   16-BIT OPTO ENCODER WITH SPI AND SERIAL /PARALLEL OUTPUTS
IC-OG ICHAUS-IC-OG Datasheet
216Kb / 9P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
   14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OW ICHAUS-IC-OW Datasheet
243Kb / 7P
   INCREMENTAL OPTO ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com