Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-LNB Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-LNB
Description  18-BIT OPTO ENCODER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LNB Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-LNB Datasheet HTML 7Page - IC-Haus GmbH IC-LNB Datasheet HTML 8Page - IC-Haus GmbH IC-LNB Datasheet HTML 9Page - IC-Haus GmbH IC-LNB Datasheet HTML 10Page - IC-Haus GmbH IC-LNB Datasheet HTML 11Page - IC-Haus GmbH IC-LNB Datasheet HTML 12Page - IC-Haus GmbH IC-LNB Datasheet HTML 13Page - IC-Haus GmbH IC-LNB Datasheet HTML 14Page - IC-Haus GmbH IC-LNB Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
preliminary
preliminary
iC-LNB 18-BIT OPTO ENCODER
WITH SPI AND SER/PAR INTERFACES
Rev B2, Page 11/37
ELECTRICAL CHARACTERISTICS
Operating conditions: VDDA = 4 V to 5.5 V, VDD = 3 V to 5.5 V, GNDA = GND, Tj = -40 °C to 125 °C, unless otherwise specified.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Incremental Outputs INCA, INCB, INCZ
901 Vs()hi
Saturation Voltage hi
Vs()hi = VDD - V();
400
mV
VDD = 3 . . . 4 V, I() = 1.5 mA
VDD = 4 . . . 5.5 V, I() = 2.5 mA
902 Isc()hi
Short-Circuit Current hi
-100
-1.5
mA
903 Vs()lo
Saturation Voltage lo
VDD = 3 . . . 4 V, l() = 1.5 mA
400
mV
VDD = 4 . . . 5.5 V, l() = 2.5 mA
904 Isc()lo
Short-Circuit Current lo
1.5
100
mA
905 tr()
Rise Time
CL = 30 pF, V(): 10% → 90% VDD
30
ns
906 tf()
Fall Time
CL = 30 pF, V(): 90% → 10% VDD
30
ns
SPI Interface SCK, CS, MISO, MOSI
A01 Vs()hi
Saturation Voltage hi at MISO
Vs()hi = VDD - V();
400
mV
VDD = 3 . . . 4 V, I() = 1.5 mA
VDD = 4 . . . 5.5 V, I() = 2.5 mA
A02 Isc()hi
Short-Circuit Current hi at MISO
-100
-1.5
mA
A03 Vs()lo
Saturation Voltage lo at MISO
VDD = 3 . . . 4 V, l() = 1.5 mA
400
mV
VDD = 4 . . . 5.5 V, l() = 2.5 mA
A04 Isc()lo
Short-Circuit Current lo at MISO
1.5
100
mA
A05 fin()
Permissible Clock Frequency at
SCK
10
MHz
A06 Vt()hi
Threshold Voltage hi at SCK, CS,
MOSI
2
V
A07 Vt()lo
Threshold Voltage lo at SCK, CS,
MOSI
0.8
V
A08 Vt()hys
Hysteresis at SCK, CS, MOSI
Vt()hys = Vt()hi - Vt()lo
40
100
mV
A09 Ipu()
Pull-Up Current at SCK, MOSI
V() = 0 . . . VDD - 1 V;
VDD = 3 . . . 4 V
-65
-25
-5
µA
VDD = 4 . . . 5.5 V
-120
-60
-10
µA
A10 Vpu()
Pull-Up Voltage at SCK, MOSI
Vpu() = VDD - V();
400
mV
VDD = 3 . . . 4 V, I() = -3 µA
VDD = 4 . . . 5.5 V, I() = -5 µA
A11 Ipd()
Pull-Down Current at CS
V() = 1 V . . . VDD;
VDD = 3 . . . 4 V
5
25
80
µA
VDD = 4 . . . 5.5 V
8
60
150
µA
A12 Vpd()
Pull-Down Voltage at CS
VDD = 3 . . . 4 V, I() = 3 µA
400
mV
VDD = 4 . . . 5.5 V, I() = 5 µA
A13 tp1()
Propagation Delay: MISO hi
after Falling Edge CS
see Figure 2
30
ns
A14 tp2()
Propagation Delay: MISO Stable
after Clock Edge SCK
see Figure 2
30
ns


Similar Part No. - IC-LNB

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LNB ICHAUS-IC-LNB Datasheet
471Kb / 2P
   18-BIT OPTICAL ENCODER WITH SPI AND SERIAL/PARALLEL OUTPUTS
IC-LNB ICHAUS-IC-LNB Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
IC-LNB ICHAUS-IC-LNB_13 Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
More results

Similar Description - IC-LNB

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
   5-BIT OPTO ENCODER
IC-OV ICHAUS-IC-OV Datasheet
412Kb / 9P
   5-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV Datasheet
196Kb / 12P
   5-BIT OPTO ENCODER
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
   3-BIT OPTO ENCODER
IC-LNB ICHAUS-IC-LNB_13 Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
IC-OG ICHAUS-IC-OG_12 Datasheet
567Kb / 10P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OG ICHAUS-IC-OG Datasheet
216Kb / 9P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
   14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OW ICHAUS-IC-OW Datasheet
243Kb / 7P
   INCREMENTAL OPTO ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com