Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWB51D9 Datasheet(PDF) 9 Page - Advanced Semiconductor Business Inc.

Part # AWB51D9
Description  1.2 GHz CATV Push-pull Amplifier MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB51D9 Datasheet(HTML) 9 Page - Advanced Semiconductor Business Inc.

  AWB51D9_17 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB51D9_17 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB51D9_17 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB51D9_17 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB51D9_17 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB51D9_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB51D9_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB51D9_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB51D9_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9/9
ASB Inc.
 sales@asb.co.kr
February 2017
AWB51D9
0
7. Recommended Soldering Reflow Profile
(End of Datasheet)
Copyright
2014-2017 ASB Inc. All rights reserved. Datasheet subject to change without notice. ASB
assumes no responsibility for any errors which may appear in this datasheet. No part of the datasheet
may be copied or reproduced in any form or by any means without the prior written consent of ASB.
20~40 sec
260
C
200
C
150
C
60~180 sec
Ramp-up
(3
C/sec)
Ramp-down
(6
C/sec)


Similar Part No. - AWB51D9_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB51D9 ASB-AWB51D9 Datasheet
302Kb / 9P
   1.2 GHz CATV Push-pull Amplifier MMIC
July 2014
More results

Similar Description - AWB51D9_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB31F5 ASB-AWB31F5 Datasheet
452Kb / 7P
   1.2 GHz CATV Push-pull Amplifier MMIC
July 2015
AWB51D2 ASB-AWB51D2_17 Datasheet
406Kb / 7P
   1.2 GHz CATV Push-pull Amplifier MMIC
June 2017
AWB31D9 ASB-AWB31D9 Datasheet
823Kb / 17P
   1.2 GHz CATV Push-pull Amplifier MMIC
October 2014
AWB51D2 ASB-AWB51D2 Datasheet
269Kb / 7P
   1.2 GHz CATV Push-pull Amplifier MMIC
July 2014
AWB31D9 ASB-AWB31D9_17 Datasheet
1Mb / 21P
   1.2 GHz CATV Push-pull Amplifier MMIC
June 2017
AWB51D7 ASB-AWB51D7 Datasheet
500Kb / 10P
   1.2 GHz CATV Push-pull Amplifier MMIC
July 2014
AWB51D9 ASB-AWB51D9 Datasheet
302Kb / 9P
   1.2 GHz CATV Push-pull Amplifier MMIC
July 2014
AWB51D7 ASB-AWB51D7_17 Datasheet
501Kb / 9P
   1.2 GHz CATV Push-pull Amplifier MMIC
February 2017
ASL39D2 ASB-ASL39D2 Datasheet
2Mb / 29P
   1.2GHz CATV Push-pull Amplifier MMIC
July 2017
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com