Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1759 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1759
Description  Integrated Circuit PMOS, 26 Command TV Remote Control Reciever
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1759 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1759 Datasheet HTML 1Page - NTE Electronics NTE1759 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d):
(TA = –20° to +75°C, VDD = –9.6 to +14.4V unless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output High Voltage
VOH(CHU)
IOH = –1.0mA
–2.5
V
Output High Voltage
VOH(CHD)
IOH = –1.0mA
–2.5
V
Output High Voltage
VOH(INI)
IOH = –1.0mA
–2.5
V
Output High Voltage
VOH(VOL)
IOH = –5.0mA
–2.5
V
Output High Voltage
VOH(POW)
IOH = –5.0mA
–2.5
V
Output Low Current
IOL(1 ∼ 5, 13)
TA = +25°C, VOL = –11.5V, VDD = –12V
0
100
µA
Pin Connection Diagram
VSS (–12V)
D)
VDD (GND)
OSC Input
Test
OSC Output
Remote Signal Input
CHU Output
CHD Output
VOL Down Input
VOL Up Input
CHD Input
CHU Input
POW Input
INI Output (Optional for Free Use)
VOL Output
POW Output
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
.260
(6.6)
Max
16
9
18
.785 (19.9) Max
.200
5.08)
Max
.245
(6.22)
Min
.300 (7.62)
.700 (17.7)
.100 (2.54)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn