Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASL580 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASL580
Description  Wideband Linear Amplifier MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL580 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASL580_17 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL580_17 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL580_17 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL580_17 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL580_17 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL580_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL580_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL580_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL580_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
June 2017
ASL580
Wideband Linear Amplifier MMIC
1) OIP3 and OIP2 are measured with two tones at an output power of +10 dBm/tone
separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
3) Pout = 95 dBuV for 84 channels VHF signal.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
50
500
860
Noise Figure (dB)
1.4
1.3
1.4
Magnitude S21 (dB)
22.4
20.5
20.1
Magnitude S11 (dB)
-18
-8
-12
Magnitude S22 (dB)
-18
-9
-9
Output P1dB (dBm)
20.5
19.5
20.0
Output IP31) (dBm)
39
43
45
Output IP21),2) (dBm)
53
57
51
CSO (dBc)3)
60
CTB (dBc) 3)
> 70
Device Voltage (V)
+8
Current (mA)
120
S-parameters
CATV
High Gain
( S21 > 20 dB )
50 ~ 1000 MHz
+8 V
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
1000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
1000
-25
-20
-15
-10
-5
0
Frequency (MHz)


Similar Part No. - ASL580_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL580 ASB-ASL580 Datasheet
453Kb / 8P
   Wideband Linear Amplifier MMIC
October 2012
More results

Similar Description - ASL580_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL560 ASB-ASL560 Datasheet
885Kb / 12P
   Wideband Linear Amplifier MMIC
June 2017
ASL330 ASB-ASL330_17 Datasheet
637Kb / 10P
   Wideband Linear Amplifier MMIC
June 2017
ASL330 ASB-ASL330 Datasheet
710Kb / 8P
   Wideband Linear Amplifier MMIC
September 2011
ASL31C ASB-ASL31C Datasheet
324Kb / 5P
   Wideband Linear Amplifier MMIC
August 2012
ASL390 ASB-ASL390 Datasheet
500Kb / 7P
   Wideband Linear Amplifier MMIC
August 2012
ASL580 ASB-ASL580 Datasheet
453Kb / 8P
   Wideband Linear Amplifier MMIC
October 2012
ASL550 ASB-ASL550_17 Datasheet
1Mb / 26P
   Wideband Linear Amplifier MMIC
June 2017
ASL522 ASB-ASL522 Datasheet
536Kb / 6P
   Wideband Linear Amplifier MMIC
July 2011
ASL31C ASB-ASL31C_17 Datasheet
866Kb / 10P
   Wideband Linear Amplifier MMIC
April 2017
ASL360 ASB-ASL360_17 Datasheet
927Kb / 12P
   Wideband Linear Amplifier MMIC
September 2017
ASL390 ASB-ASL390_17 Datasheet
828Kb / 10P
   Wideband Linear Amplifier MMIC
April 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com