Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0014441603 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0014441603
Description  2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0014441603 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0014441603_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0014441603_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0014441603
Status:
Active
Overview:
SL™ Modular Connectors
Description:
2.54mm Pitch SL™ Insulation Displacement Connector Assembly, Male, Single Row,
Version D, Back Ribs, for Wire Size 26 AWG, 0.38µm Gold (Au), 3 Circuits
Documents:
3D Model
Product Specification TS-70541-001-001 (PDF)
Drawing (PDF)
Packaging Specification PK-70873-0001 (PDF)
Product Specification PS-70400-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
70475
Comments
Terminals Preloaded
Component Type
Housing
Glow-Wire Compliant
No
Overview
SL™ Modular Connectors
Product Name
SL™
UPC
800753981461
Physical
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Black
Durability (mating cycles max)
50
Entry Angle
Vertical
Flammability
94V-0
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester Alloy
Number of Rows
1
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Polarized to Mating Part
No
Stackable
Yes
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
IDT or Pierce
Wire Insulation Diameter
1.35mm max.
Wire Size AWG
26
Wire/Cable Type
Discrete Wire, Ribbon Cable
Electrical
Current - Maximum per Contact
1.8A
Voltage - Maximum
250V
Material Info
Engineering Number
70475-0772
Reference - Drawing Numbers
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
70475 Series
Mates With
70004 Interim Clip (Single Row), 70013
Interim Clip (Dual Row)
Use With
7307 Tinned 28AWG, 7767 Topcoat
28AWG, 24241 Tinned 26AWG, 8996
Topcoat 26AWG, 24226 Tinned 24AWG,
8997 Topcoat 24AWG, 24369 High Flex
26AWG, 24389 High Flex 24AWG


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn