Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS82582D36E-250 Datasheet(PDF) 3 Page - GSI Technology

Part # GS82582D36E-250
Description  288Mb SigmaQuad-IITM Burst of 4 SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582D36E-250 Datasheet(HTML) 3 Page - GSI Technology

  GS82582D36E-250 Datasheet HTML 1Page - GSI Technology GS82582D36E-250 Datasheet HTML 2Page - GSI Technology GS82582D36E-250 Datasheet HTML 3Page - GSI Technology GS82582D36E-250 Datasheet HTML 4Page - GSI Technology GS82582D36E-250 Datasheet HTML 5Page - GSI Technology GS82582D36E-250 Datasheet HTML 6Page - GSI Technology GS82582D36E-250 Datasheet HTML 7Page - GSI Technology GS82582D36E-250 Datasheet HTML 8Page - GSI Technology GS82582D36E-250 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
16M x 18 SigmaQuad-II SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
SA
SA
W
BW1
K
SA
R
SA
SA
CQ
B
NC
Q9
D9
SA
NC
K
BW0
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
NC
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SA
SA
C
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—15 x 17 mm2 Body—1 mm Bump Pitch
Note:
BW0 controls writes to D0:D8. BW1 controls writes to D9:D17.
GS82582D18/36GE-400/375/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2016
3/30
© 2012, GSI Technology


Similar Part No. - GS82582D36E-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82582D36E-375 GSI-GS82582D36E-375 Datasheet
529Kb / 30P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
More results

Similar Description - GS82582D36E-250

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82582D36E-375 GSI-GS82582D36E-375 Datasheet
529Kb / 30P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582D18GE-333I GSI-GS82582D18GE-333I Datasheet
529Kb / 30P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582Q36GE-333I GSI-GS82582Q36GE-333I Datasheet
484Kb / 32P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q18E-250I GSI-GS82582Q18E-250I Datasheet
625Kb / 31P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q18GE-333I GSI-GS82582Q18GE-333I Datasheet
484Kb / 32P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342D08BGD-250 GSI-GS8342D08BGD-250 Datasheet
580Kb / 34P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582D38GE-400I GSI-GS82582D38GE-400I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS8662D36BD-333 GSI-GS8662D36BD-333 Datasheet
579Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D08BD-400 GSI-GS8662D08BD-400 Datasheet
579Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8182D09BGD-333 GSI-GS8182D09BGD-333 Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com