Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS81332QT37CE-350M Datasheet(PDF) 1 Page - GSI Technology

Part # GS81332QT37CE-350M
Description  Rad-Hard SRAM 288Mb/144Mb/72Mb Burst of 2 SigmaQuad-IITM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81332QT37CE-350M Datasheet(HTML) 1 Page - GSI Technology

  GS81332QT37CE-350M Datasheet HTML 1Page - GSI Technology GS81332QT37CE-350M Datasheet HTML 2Page - GSI Technology GS81332QT37CE-350M Datasheet HTML 3Page - GSI Technology GS81332QT37CE-350M Datasheet HTML 4Page - GSI Technology GS81332QT37CE-350M Datasheet HTML 5Page - GSI Technology GS81332QT37CE-350M Datasheet HTML 6Page - GSI Technology GS81332QT37CE-350M Datasheet HTML 7Page - GSI Technology GS81332QT37CE-350M Datasheet HTML 8Page - GSI Technology GS81332QT37CE-350M Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Rad-Hard SRAM
288Mb/144Mb/72Mb Burst of 2 SigmaQuad-II+TM
350 MHz–250 MHz
1.8 V VDD
1.8 V and 1.5 V I/O
165-Bump CCGA
Military Temp
Rev: 1.01 7/2017
1/30
© 2017, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS82612QT19/37CE-350M/250M
GS81332QT19/37CE-350M/250M
GS8692QT19/37CE-350M/250M
Preliminary
Features
• Aerospace-Level Product
• 2.0 clock Latency
• Simultaneous Read and Write SigmaQuad™ Interface
• JEDEC-standard pinout and package
• Dual Double Data Rate interface
• Byte Write controls sampled at data-in time
• Dual-Range On-Die Termination (ODT) on Data (D), Byte
Write (BW), and Clock (K, K) inputs
• Burst of 2 Read and Write
• 1.8 V +100/–100 mV core power supply
• 1.5 V or 1.8 V HSTL Interface
• Pipelined read operation
• Fully coherent read and write pipelines
• ZQ pin for programmable output drive strength
• Data Valid Pin (QVLD) Support
• IEEE 1149.1 JTAG-compliant Boundary Scan
• 165-bump Ceramic Column Grid Array (CCGA) package
Radiation Performance
• Total Ionizing Dose (TID) > 200krads(Si)
• Soft Error Rate (SER) = TBR
• Neutrons = TBR
• Single Event Latchup Immunity > 80 MeV.cm2/mg (100C)
SigmaQuad™ Family Overview
The GS82612QT19/37CE, GS81332QT19/37CE, and
GS8692QT19/37CE are built in compliance with the
SigmaQuad-II+ SRAM pinout standard for Separate I/O
synchronous SRAMs. They are 301,989,888-bit (288Mb),
150,994,944-bit (144Mb), and 75,497,472-bit (72Mb) SRAMs.
These SigmaQuad SRAMs comprise a family of low power,
low voltage HSTL I/O Radiation-Hardened (Rad-Hard)
SRAMs designed to operate in High Radiation environments.
Clocking and Addressing Schemes
The Rad-Hard SigmaQuad-II+ SRAMs are synchronous
devices. They employ two input register clock inputs, K and K.
K and K are independent single-ended clock inputs, not
differential inputs to a single differential clock input buffer.
Each internal read and write operation in a SigmaQuad-II+ B2
RAM is two times wider than the device I/O bus. An input data
bus de-multiplexer is used to accumulate incoming data before
it is simultaneously written to the memory array. An output
data multiplexer is used to capture the data produced from a
single memory array read and then route it to the appropriate
output drivers as needed. Therefore, the address field of a
SigmaQuad-II+ B2 RAM is always one address pin less than
the advertised index depth (e.g., the 8M x 36 has an 4M
addressable index).
Parameter Synopsis
-350M
-250M
tKHKH
2.86 ns
4.0 ns
tKHQV
0.45 ns
0.45 ns


Similar Part No. - GS81332QT37CE-350M

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81332QT19CE-250M GSI-GS81332QT19CE-250M Datasheet
1Mb / 30P
   Rad-Hard SRAM 288Mb/144Mb/72Mb Burst of 2 SigmaQuad-II 1.8
GS81332QT19CE-350M GSI-GS81332QT19CE-350M Datasheet
1Mb / 30P
   Rad-Hard SRAM 288Mb/144Mb/72Mb Burst of 2 SigmaQuad-IITM
More results

Similar Description - GS81332QT37CE-350M

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82612QT19CE-350M GSI-GS82612QT19CE-350M Datasheet
1Mb / 30P
   Rad-Hard SRAM 288Mb/144Mb/72Mb Burst of 2 SigmaQuad-IITM
GS81332QT19CE-350M GSI-GS81332QT19CE-350M Datasheet
1Mb / 30P
   Rad-Hard SRAM 288Mb/144Mb/72Mb Burst of 2 SigmaQuad-IITM
GS81332QT19CE-250M GSI-GS81332QT19CE-250M Datasheet
1Mb / 30P
   Rad-Hard SRAM 288Mb/144Mb/72Mb Burst of 2 SigmaQuad-II 1.8
GS82582Q19GE-400 GSI-GS82582Q19GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-300 GSI-GS82582Q37GE-300 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582QT19GE-400I GSI-GS82582QT19GE-400I Datasheet
325Kb / 26P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-400I GSI-GS82582Q19GE-400I Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-400 GSI-GS82582Q37GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582QT20GE-450I GSI-GS82582QT20GE-450I Datasheet
325Kb / 26P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-333 GSI-GS82582Q19GE-333 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com