Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4565DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4565DY
Description  N- and P-Channel 40-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4565DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4565DY Datasheet HTML 1Page - Vishay Siliconix SI4565DY Datasheet HTML 2Page - Vishay Siliconix SI4565DY Datasheet HTML 3Page - Vishay Siliconix SI4565DY Datasheet HTML 4Page - Vishay Siliconix SI4565DY Datasheet HTML 5Page - Vishay Siliconix SI4565DY Datasheet HTML 6Page - Vishay Siliconix SI4565DY Datasheet HTML 7Page - Vishay Siliconix SI4565DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si4565DY
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73224
S-50033—Rev. A, 17-Jan-05
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
N-Ch
0.6
1.6
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
P-Ch
−0.8
−2.2
V
VDS Temperature Coefficient
DVDS/Tj
N-Ch
40
VDS Temperature Coefficient
DVDS/Tj
ID = 250 mA
P-Ch
−40
mV/_C
VGS(th) Temperature Coefficient
DVGS(th)/Tj
ID = 250 mA
N-Ch
−3.8
mV/_C
VGS(th) Temperature Coefficient
DVGS(th)/Tj
P-Ch
3.4
Gate Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
N-Ch
"100
nA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "16 V
P-Ch
"100
nA
VDS = 40 V, VGS = 0 V
N-Ch
1
Zero Gate Voltage Drain Current
IDSS
VDS = −40 V, VGS = 0 V
P-Ch
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V, TJ = 55_C
N-Ch
10
mA
VDS = −40 V, VGS = 0 V, TJ = 55_C
P-Ch
−10
On State Drain Currenta
ID( )
VDS w 5 V, VGS = 10 V
N-Ch
20
A
On-State Drain Currenta
ID(on)
VDS p −5 V, VGS = −10 V
P-Ch
−20
A
VGS = 10 V, ID = 5.2 A
N-Ch
0.033
0.040
Drain Source On State Resistancea
rDS( )
VGS = −10 V, ID = −4.5 A
P-Ch
0.045
0.054
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 4.9 A
N-Ch
0.037
0.045
W
VGS = −4.5 V, ID = −3.9 A
P-Ch
0.059
0.072
Forward Transconductancea
gf
VDS = 15 V, ID = 5.2 A
N-Ch
18
S
Forward Transconductancea
gfs
VDS = −15 V, ID = −4.5 A
P-Ch
13
S
Diode Forward Voltagea
VSD
IS = 1.7 A, VGS = 0 V
N-Ch
0.75
1.2
V
Diode Forward Voltagea
VSD
IS = −1.7 A, VGS = 0 V
P-Ch
−0.79
−1.2
V
Dynamicb
Input Capacitance
Ciss
N-Channel
N-Ch
700
Input Capacitance
Ciss
N-Channel
VDS = 20 V, VGS = 0 V, f = 1 MHz
P-Ch
805
Output Capacitance
C
VDS = 20 V, VGS = 0 V, f = 1 MHz
P Channel
N-Ch
76
pF
Output Capacitance
Coss
P-Channel
VDS = −20 V VGS = 0 V f = 1 MHz
P-Ch
120
pF
Reverse Transfer Capacitance
C
VDS = −20 V, VGS = 0 V, f = 1 MHz
N-Ch
45
Reverse Transfer Capacitance
Crss
P-Ch
85
Total Gate Charge
Qg
N-Channel
N-Ch
8
12
Total Gate Charge
Qg
N-Channel
VDS = 20 V, VGS = 4.5 V, ID = 5.2 A
P-Ch
9
14
Gate Source Charge
Q
VDS = 20 V, VGS = 4.5 V, ID = 5.2 A
P Channel
N-Ch
1.5
nC
Gate-Source Charge
Qgs
P-Channel
VDS = −20 V VGS = −45 V ID = −45 A
P-Ch
2
nC
Gate Drain Charge
Q d
VDS = −20 V, VGS = −4.5 V, ID = −4.5 A
N-Ch
2.4
Gate-Drain Charge
Qgd
P-Ch
3.6
Gate Resistance
R
N-Ch
0.9
1.9
2.9
W
Gate Resistance
Rg
P-Ch
5
11.5
18
W
Turn On Delay Time
td( )
N-Ch
7
11
Turn-On Delay Time
td(on)
N-Channel
P-Ch
8
13
Rise Time
t
N-Channel
VDD = 15 V, RL = 15 W
I
1 A V
10 V R
6 W
N-Ch
11
17
Rise Time
tr
VDD 15 V, RL 15 W
ID ^ 1 A, VGEN = 10 V, Rg = 6 W
P-Ch
12
18
ns
Turn Off Delay Time
td( ff)
g
P-Channel
N-Ch
27
40
ns
Turn-Off Delay Time
td(off)
P-Channel
VDD = −15 V, RL = 15 W
I
1 A V
10 V R
6 W
P-Ch
74
110
Fall Time
tf
DD
, L
ID ^ −1 A, VGEN = −10 V, Rg = 6 W
N-Ch
8
13
Fall Time
tf
P-Ch
38
60
Source-Drain
t
IF = 1.7 A, di/dt = 100 A/ms
N-Ch
25
40
ns
Source-Drain
Reverse Recovery Time
trr
IF = −1.7 A, di/dt = 100 A/ms
P-Ch
27
45
ns
Body Diode
Q
IF = 1.7 A, di/dt = 100 A/ms
N-Ch
17
26
nC
Body Diode
Reverse Recovery Charge
Qrr
IF = −1.7 A, di/dt = 100 A/ms
P-Ch
17
26
nC
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.


Similar Part No. - SI4565DY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4565DY-T1-E3 VBSEMI-SI4565DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SI4565DY

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
VBE5415 VBSEMI-VBE5415 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
P2003ND5G VBSEMI-P2003ND5G Datasheet
2Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
4533GEH-HF VBSEMI-4533GEH-HF Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
AOD609 VBSEMI-AOD609 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4561DY VISHAY-SI4561DY_V01 Datasheet
141Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
SI4564DY VISHAY-SI4564DY Datasheet
154Kb / 12P
   N- and P-Channel 40 V (D-S) MOSFET
Rev. B, 22-Feb-10
SI4563DY VISHAY-SI4563DY Datasheet
135Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 09-Mar-09
SI3529DV VISHAY-SI3529DV Datasheet
151Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com