Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

73224 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. 73224
Description  N- and P-Channel 40-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

73224 Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Si4565DY
Vishay Siliconix
New Product
Document Number: 73224
S-50033—Rev. A, 17-Jan-05
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N-CHANNEL
10−3
10−2
110
10−1
10−4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10−3
10−2
1
10
600
10−1
10−4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA =
90_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P-CHANNEL
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
4
8
12
16
20
0
1234
5
VGS = 10 thru 4 V
TC = −55_C
125_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
3 V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI4567DYDual N- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4569DYN- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4558DYN- and P-Channel 30-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI6552DQDual N- and P-Channel 20-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI4401BDYP-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix
SI6544DQN- and P-Channel 30-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI3585DVN- and P-Channel 20-V D-S MOSFET 1 2 3 4 5 MoreVaishali Semiconductor
SI4401DYP-Channel 40-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI7463DPP-Channel 40-V D-S MOSFET 1 2 3 4 5 Fairchild Semiconductor
SUM110P04-04LP-Channel 40-V D-S 175-LC MOSFET 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn