Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

73224 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. 73224
Description  N- and P-Channel 40-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

73224 Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Si4565DY
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 73224
S-50033—Rev. A, 17-Jan-05
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N-CHANNEL
0.01
0
1
80
100
40
60
10
0.1
Single Pulse Power, Junction-to-Ambient
Time (sec)
20
0.001
0.01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.04
0.08
0.12
0.16
0.20
0
2468
10
TJ = 150_C
TJ = 25_C
ID = 5.2 A
20
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
−0.6
−0.4
−0.2
−0.0
0.2
0.4
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ − Temperature (_C)
Safe Operating Area, Junction-to-Foot
100
1
0.1
1
10
100
0.01
10
100 ms
0.1
*Limited by rDS(on)
TC = 25_C
Single Pulse
1 s
10 s
dc
10 ms
VDS − Drain-to-Source Voltage (V)
*VGS u minimum VGS at which rDS(on) is specified
TA = 125_C
TA = 25_C
1 ms


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI4567DYDual N- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4569DYN- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4558DYN- and P-Channel 30-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI6552DQDual N- and P-Channel 20-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI4401BDYP-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix
SI6544DQN- and P-Channel 30-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI3585DVN- and P-Channel 20-V D-S MOSFET 1 2 3 4 5 MoreVaishali Semiconductor
SI4401DYP-Channel 40-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI7463DPP-Channel 40-V D-S MOSFET 1 2 3 4 5 Fairchild Semiconductor
SUM110P04-04LP-Channel 40-V D-S 175-LC MOSFET 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn