Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

73224 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. 73224
Description  N- and P-Channel 40-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

73224 Datasheet(HTML) 6 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Si4565DY
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 73224
S-50033—Rev. A, 17-Jan-05
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P-CHANNEL
0
124
248
372
496
620
744
868
992
1116
1240
0
5
10
15
20
25
30
35
40
0.6
0.8
1.0
1.2
1.4
1.6
1.8
−50
−25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
0
246
8
10
12
0.00
0.02
0.04
0.06
0.08
0.10
04
8
12
16
20
VDS − Drain-to-Source Voltage (V)
Coss
Ciss
ID = 4.5 A
ID − Drain Current (A)
VGS = 10 V
ID = 4.5 A
VGS = 4.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
2468
10
TJ = 150_C
ID = 4.5 A
20
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
TJ = 25_C
Crss
VGS = 10 V
VDS = 10 V
VDS = 20 V
TA = 25_C
TA = 125_C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI4567DYDual N- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4569DYN- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4558DYN- and P-Channel 30-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI6552DQDual N- and P-Channel 20-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI4401BDYP-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix
SI6544DQN- and P-Channel 30-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI3585DVN- and P-Channel 20-V D-S MOSFET 1 2 3 4 5 MoreVaishali Semiconductor
SI4401DYP-Channel 40-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI7463DPP-Channel 40-V D-S MOSFET 1 2 3 4 5 Fairchild Semiconductor
SUM110P04-04LP-Channel 40-V D-S 175-LC MOSFET 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn