Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M40E-043000RT0 Datasheet(PDF) 6 Page - SICK AG

Part # M40E-043000RT0
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

M40E-043000RT0 Datasheet(HTML) 6 Page - SICK AG

  M40E-043000RT0 Datasheet HTML 1Page - SICK AG M40E-043000RT0 Datasheet HTML 2Page - SICK AG M40E-043000RT0 Datasheet HTML 3Page - SICK AG M40E-043000RT0 Datasheet HTML 4Page - SICK AG M40E-043000RT0 Datasheet HTML 5Page - SICK AG M40E-043000RT0 Datasheet HTML 6Page - SICK AG M40E-043000RT0 Datasheet HTML 7Page - SICK AG M40E-043000RT0 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
M40S-043000AR0, M40E-043000RT0 | M4000 Standard
MULTIPLE LIGHT BEAM SAFETY DEVICES
Number of beams
Beam separation S1
L1
L2
500 (19.69)
643 (25.31)
672 (26.46)
2
600 (23.62)
743 (29.25)
772 (30.39)
220 (8.66)
583 (22.95)
612 (24.09)
400 (15.75)
943 (37.13)
972 (38.27)
3
450 (17.72)
1,043 (41.06)
1,072 (42.20)
220 (8.66)
803 (31.61)
832 (32.76)
4
300 (11.81)
1,043 (41.06)
1,072 (42.20)
5
1,023 (40.28)
1,052 (41.42)
6
1,243 (48.94)
1,272 (50.08)
7
1,462 (57.56)
1,491 (58.70)
8
220 (8.66)
1,682 (66.22)
1,711 (67.36)
Connection diagram
M4000 Standard connected to UE10-3OS safety relay
0 V
2) PELV
M4000R
Standard
+24 V
4
GND
FE
n.c.
7
SH
BU
6
n.c.
Test
n.c.
n.c.
1
3
5
+24 V
2
BN
GR
5
PK
BU
SH
FE
6
7
WH
YE
+24 V
OSSD2
FE
GND
OSSD1
RES
EDM
ADO
4
3
1
BN
2
UE10-3OS
1)
S1
M4000S
Standard
GN
H3
B1
B3
Y1
13
23
33
41
B2
B4
Y2
14
24
34
42
E119914/00/2014-07-29
Task
Connection of an M4000 Standard multiple light beam safety device to a UE10-3OS safety relay.
Operating mode: with restart interlock and external device monitoring.
Operating characteristics
When the light path is clear and the UE10-3OS is de-energized and functioning correctly, the yellow LED on the receiver and the H3
lamp flash. The system is ready for switch-on and waits for an input signal/switch-on signal. The system is enabled by pressing and
releasing the S1 button. The OSSD1 and OSSD2 outputs are live, the UE10-3OS is switched on. On interruption of one or several of
the light beams, the UE10-3OS is de-energized by the OSSD1 and OSSD2 outputs.
Fault analysis
OSSD cross-circuits and short-circuits are detected and lead to the inhibited state (lock-out). The erroneous behavior of the
UE10-3OS will be detected. The shutdown function is retained. On manipulation (e.g., jamming) of the S1 button, the system does
not enable the output current circuits.
Comments
1) Output circuits: These contacts are to be connected to the controller such that, with the output circuit open, the dangerous state
is disabled. For categories 4 and 3, this integration must be dual-channel (x/y paths). Single-channel insertion in the control (z
path) is only possible with a single-channel control and by taking the risk analysis into account.
2) PELV in accordance with the requirements in EN 60204-1 / 6.4
Take note of the operating instructions of the integrated devices.
6
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-08-24 18:11:25
Subject to change without notice


Similar Part No. - M40E-043000RT0

ManufacturerPart #DatasheetDescription
logo
SICK AG
M40E-043000RR0 SICK-M40E-043000RR0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

Similar Description - M40E-043000RT0

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com