Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1754 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1754
Description  Integrated Circuit Vertical Deflection Output Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1754 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics: (TA = +25°C, VCC (V9–4) = 26V, Note 1, Note 3 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply
Supply Voltage, Pin9
V9–4
Note 5
10
40
V
Supply Voltage Output Stage
V6–4
60
V
Supply Current, Pin6 and Pin9
I6 + I9
Note 6
35
55
85
mA
Quiescent Current
I4
25
40
65
mA
Variation of Quiescent Current with Temperature
TC
–0.04
mA/
°C
Output Current
Output Current (Peak–to–Peak), Pin5
I5(P–P)
2.5
3.0
A
Output Current Flyback Generator, Pin8
+I8(P–P)
1.25
1.5
A
–I8(P–P)
1.35
1.6
A
Output Voltage
Peak Voltage During Flyback
V5–4
60
V
Saturation Voltage to Supply
V6–5(sat) I5 = –1.5A
2.5
3.2
V
V5–6(sat) I5 = 1.5A, Note7
2.5
3.2
V
V6–5(sat) I5 = –1.2A
2.2
2.7
V
V5–6(sat) I5 = 1.2A, Note 7
2.3
2.8
V
Saturation Voltage to GND
V5–4(sat) I5 = 1.2A
2.2
2.7
V
I5 = 1.5A
2.5
3.2
V
Flyback Generator
Saturation Voltage
V9–8(sat) I8 = –1.6A
1.6
2.1
V
V8–9(sat) I8 = 1.5A, Note 7
2.3
3.0
V
V9–8(sat) I8 = –1.3A
1.4
1.9
V
V8–9(sat) I8 = 1.2A, Note 7
2.2
2.7
V
Leakage Current at Pin8
–I8
5
100
µA
Flyback Generator Active If:
V5–9
4
V
Input
Input Current, Pin1
I1
I5 = 1.5A
0.33
0.55
mA
Input Voltage During Scan, Pin1
V1–2
2.35
3.0
V
Input Current During Scan, Pin3
I3
Note 8
0.03
mA
Input Voltage During Scan, Pin3
V3–2
Note 8
0.8
V9–4
V
Input Voltage During Flyback, Pin1
V1–2
250
mV
Input Voltage During Flyback, Pin3
V3–2
250
mV
Note 1. Pin2 and Pin4 are externally connected to GND.
Note 3. Pin1 externally connedted to Pin3.
Note 4. Non–repetitive duty factor 3.3%.
Note 5. The maximum supply voltage should be chosen so that during flyback the voltage at Pin 5
does not exceed 60V.
Note 6. When V5–4 is 13V and no load at Pin5.
Note 7. Duty cycle, d = 5% or d = 0.05
Note 8. When Pin3 is driven separately from Pin1.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn