Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1754 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1754
Description  Integrated Circuit Vertical Deflection Output Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1754 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE1754
Integrated Circuit
Vertical Deflection Output Circuit
Description:
The NTE1754 is a full–performance vertical deflection output circuit in a 9–Lead SIP type package
intended for direct drive of the deflection coils and it can be used for a wide range of 90
° and 110°
deflection systems.
The NTE1754 is provided with a guard circuit which blanks the picture tube screen in case of absence
of the deflection current.
Features:
D Direct Drive to the Deflection Coils
D 90°and 110° Deflection System
D Internal Blanking Guard Circuit
D Internal Voltage Stabilizer
Applications:
D Video Monitors
D TV Receivers
Absolute Maximum Ratings: (Note 1)
Output Voltage, V5–4
0 to 60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Voltage, V9–4
0 to 40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Voltage Output Stage, V6–4
0 to 60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, V1–2
0 to V9–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage Switching Circuit, V3–2
0 to V9–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
External Voltage at Pin7, V7–2
0 to 5.6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Repetitive Peak Output Current,
±I5RM
1.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Non–Repetitive Peak Output Current (Note 1),
±I5SM
3A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Repetitive Peak Output Current of Flyback Generator, I8RM
+1.5A, –1.6A
. . . . . . . . . . . . . . . . . . . . . .
Non–Repetitive Peak Output Current of Flyback Generator (Note 1),
±I8SM
3A
. . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, TA
–25
° to +60°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range (Note 2), TJ
–25
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Mounting Base, RthJMB
3.5 to 4.0
°C/W
. . . . . . . . . . . . . . . . . . . . .
Note 1. Pin2 and Pin4 are externally connected to GND.
Note 2. The output current at Pin5 should not exceed 2.5A.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn