Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1753 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1753
Description  Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1753 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1753 Datasheet HTML 1Page - NTE Electronics NTE1753 Datasheet HTML 2Page - NTE Electronics NTE1753 Datasheet HTML 3Page - NTE Electronics NTE1753 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings: (TA = 0° to +70°C unless otherwise specified)
Power Supply Voltage, VCC
42V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Output Voltage, VC
42V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Output Current, IC
250mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Amplifier Input Voltage, Vin
VCC +0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA ≤ 45°C), PD
1000mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, TA
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction to Ambient, RΘJA
+80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Derating Factor, 1/RΘJA
12.5mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derating Ambient Temperature, TA
+45
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions:
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
7.0
15
40
V
Collector Output Voltage
VC
30
40
V
Collector Output Current
IC
200
mA
Amplifier Input Voltage
Vin
–0.3
VCC–2
V
Current Into Feedback Terminal
If b
0.3
mA
Reference Output Current
Iref
10
mA
Timing Resistor
RT
1.8
47
500
k
Timing Capacitor
CT
0.0047
0.001
10
µF
Oscillator Frequency
fOSC
1.0
25
200
kHz
Electrical Characteristics: (VCC = 15V, CT = 0.01µF, RT = 12kΩ. For typical values TA = +25°C,
for min/max values TA is 0° to +70°C unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reference Section
Reference Voltage
Vref
IO = 1mA
4.75
5.0
5.25
V
Line Regulation
Regline
VCC = 7V to 40V
2
25
mV
Load Regulation
Regload IO = 1mA to 10mA
3
15
mV
Short–Circuit Output Current
ISC
Vref = 0
15
35
75
mA
Output Section
Collector Off–State Current
IC(off)
VCE = 40V, VCC = 40V
2
100
µA
Emitter Off–State Current
IE(off)
VCC = VC = 40V, VE = 0
–100
µA
Collector–Emitter Saturation Voltage
Vsat(C)
IC = 200mA, VE = 0, Common Emitter
1.1
1.3
V
Vsat(E)
IE = 200mA, VC = 15V, Emitter Follower
1.5
2.5
V
Output Voltage Rise Time
tr
TA = +25°C, Common Emitter
100
200
ns
TA = +25°C, Emitter Follower
100
200
ns
Output Voltage Fall Time
tf
TA = +25°C, Common Emitter
25
100
ns
TA = +25°C, Emitter Follower
40
100
ns


Similar Part No. - NTE1753

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE175 NTE-NTE175 Datasheet
29Kb / 3P
   Silicon Complementary Transistors High Voltage, Medium Power Switch
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
   Integrated Circuit TV SCR Driver
NTE1754 NTE-NTE1754 Datasheet
29Kb / 4P
   Integrated Circuit Vertical Deflection Output Circuit
NTE1757 NTE-NTE1757 Datasheet
35Kb / 3P
   Integrated Circuit Remote Control Receiver
NTE1758 NTE-NTE1758 Datasheet
26Kb / 3P
   Integrated Circuit CMOS, 27 Command TV Remote Control Transmitter
More results

Similar Description - NTE1753

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1729 NTE-NTE1729 Datasheet
30Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1722 NTE-NTE1722 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE1720 NTE-NTE1720 Datasheet
26Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Regulator
NTE1721 NTE-NTE1721 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Regulator
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A_05 Datasheet
145Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
SG3525A ONSEMI-SG3525A_09 Datasheet
146Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
Texas Instruments
TL1454CPW TI1-TL1454CPW Datasheet
384Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI1-TL1454A_14 Datasheet
894Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com