Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD135 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BD135
Description  TO-126 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BD135 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BD135 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BD135 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BD135 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BD135 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
BD135
BD137
BD139
V(BR)CBO
IC= 0.1mA,IE=0
45
60
80
V
Collector-emitter sustaining voltage
BD135
BD137
BD139
VCEO(SUS)
*
IC=0.03A,IB=0
45
60
80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
10
μA
hFE(1)
*
VCE=2V, IC=150mA
40
250
hFE(2)
*
VCE=2V, IC=5mA
25
DC current gain
hFE(3)
*
VCE=2V, IC=500mA
25
Collector-emitter saturation voltage
VCE(sat)
*
IC=500mA,IB=50mA
0.5
V
Base-emitter voltage
VBE
*
VCE=2V, IC=500mA
1
V
*Pulse test: pulse width ≤350μs, duty cycle≤ 2.0%.
CLASSIFICATION OF hFE(1)
RANK
6
10
16
RANGE
40-100
63-160
100-250
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
www.cj-elec.com
2
D,Aug,2017


Similar Part No. - BD135

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
Micro Commercial Compon...
BD135 MCC-BD135 Datasheet
357Kb / 3P
   Power Transistors NPN Silicon 45,60,80 Volts
logo
Jiangsu Changjiang Elec...
BD135 JIANGSU-BD135 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BD135 PHILIPS-BD135 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Inchange Semiconductor ...
BD135 ISC-BD135 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BD135

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MJE170 JIANGSU-MJE170 Datasheet
919Kb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SB1167 JIANGSU-2SB1167 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD138 JIANGSU-BD138 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
BD233 JIANGSU-BD233 Datasheet
285Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD433 JIANGSU-BD433 Datasheet
939Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
2SD669AL JIANGSU-2SD669AL Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
3DA882 JIANGSU-3DA882 Datasheet
954Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MJE13003 DGNJDZ-MJE13003 Datasheet
171Kb / 1P
   TO-126 Plastic-Encapsulate Transistors
D882 DGNJDZ-D882 Datasheet
397Kb / 2P
   TO-126 Plastic-Encapsulate Transistors
BD439 DGNJDZ-BD439 Datasheet
2Mb / 5P
   TO-126 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com