Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA-6033 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # STA-6033
Description  Product Description
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STA-6033 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  STA-6033 Datasheet HTML 1Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 2Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 3Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 4Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 5Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 6Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 7Page - List of Unclassifed Manufacturers STA-6033 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
8
EDS-103643 Rev B
Preliminary
STA-6033 4.9-5.9 GHz Power Amp
Package Outline Drawing (dimensions in mm ):
Part Number Ordering Information
Part Number
Reel Size
Devices/Reel
STA-6033
13”
3000
Part Symbolization
The part will be symbolized with an “STA-6033” mark-
ing designator on the top surface of the package.
0.015
0.011
0.062
0.062
0.030
0.010
0.020
DIMENSIONS IN INCHES
Ø0.015 PLATED
THRU (4PL)
0.005 CHAMFER
(8PL)
0.008
Recommended Land Pattern (dimensions in inches):
Caution: ESD Sensitive
Appropriate precaution in handling, packaging
and testing devices must be observed.


Similar Part No. - STA-6033

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
   4.9 - 5.9 GHz 3.3V Power Amplifier
STA-6033Z SIRENZA-STA-6033Z Datasheet
203Kb / 8P
   4.9 - 5.9 GHz 3.3V Power Amplifier
More results

Similar Description - STA-6033

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7SE512 ATMEL-AT91SAM7SE512_09 Datasheet
806Kb / 47P
   Product Description
logo
List of Unclassifed Man...
ANTDB1HDPXXX ETC2-ANTDB1HDPXXX Datasheet
397Kb / 2P
   Product Description
logo
SIRENZA MICRODEVICES
SBW-5089 SIRENZA-SBW-5089_1 Datasheet
988Kb / 6P
   Product Description InGaP/GaAs HBT MMIC Amplifier
logo
ISOCOM COMPONENTS
ICPL0600 ISOCOM-ICPL0600 Datasheet
608Kb / 13P
   DESCRIPTION
ICPL2630 ISOCOM-ICPL2630_12 Datasheet
684Kb / 9P
   DESCRIPTION
logo
Japan Aviation Electron...
SJ109548 JAE-SJ109548 Datasheet
110Kb / 1P
   DESCRIPTION
logo
Cherry Semiconductor Co...
0609-0760 CHERRY-0609-0760 Datasheet
6Mb / 8P
   Description
logo
ISOCOM COMPONENTS
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
   DESCRIPTION
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
   GENERAL DESCRIPTION
logo
Alpha & Omega Semicondu...
AOWF12N60 AOSMD-AOWF12N60 Datasheet
114Kb / 1P
   Marking Description
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com