Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-WKN Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-WKN
Description  15 V CW LASER DIODE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WKN Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-WKN_14 Datasheet HTML 1Page - IC-Haus GmbH IC-WKN_14 Datasheet HTML 2Page - IC-Haus GmbH IC-WKN_14 Datasheet HTML 3Page - IC-Haus GmbH IC-WKN_14 Datasheet HTML 4Page - IC-Haus GmbH IC-WKN_14 Datasheet HTML 5Page - IC-Haus GmbH IC-WKN_14 Datasheet HTML 6Page - IC-Haus GmbH IC-WKN_14 Datasheet HTML 7Page - IC-Haus GmbH IC-WKN_14 Datasheet HTML 8Page - IC-Haus GmbH IC-WKN_14 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
iC-WKN
15 V CW LASER DIODE DRIVER
Rev C1, Page 4/12
PACKAGE DIMENSIONS
All dimensions given in mm.
4.90
1.27
0.40
3.10
TOP
SIDE
0.84
FRONT
1.27
0.60
3.10
RECOMMENDED PCB-FOOTPRINT
dra_so8-tp-1_pack_1, 10:1


Similar Part No. - IC-WKN_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
More results

Similar Description - IC-WKN_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
IC-WKP ICHAUS-IC-WKP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKPSO8-TP ICHAUS-WKPSO8-TP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKPDFN10 ICHAUS-WKPDFN10 Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKMSOP8 ICHAUS-WKMSOP8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKSO8 ICHAUS-WKSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKLMSOP8 ICHAUS-WKLMSOP8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com