Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-OD Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-OD
Description  OPTICAL POSITION-SENSITIVE DETECTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OD Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-OD Datasheet HTML 3Page - IC-Haus GmbH IC-OD Datasheet HTML 4Page - IC-Haus GmbH IC-OD Datasheet HTML 5Page - IC-Haus GmbH IC-OD Datasheet HTML 6Page - IC-Haus GmbH IC-OD Datasheet HTML 7Page - IC-Haus GmbH IC-OD Datasheet HTML 8Page - IC-Haus GmbH IC-OD Datasheet HTML 9Page - IC-Haus GmbH IC-OD Datasheet HTML 10Page - IC-Haus GmbH IC-OD Datasheet HTML 11Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
iC-OD, iC-ODL
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
Rev E1, Page 11/11
ORDERING INFORMATION
Type
Package
Order Designation
iC-OD
-
iC-OD chip
iC-OD
OLGA OD4C
iC-OD oLGA OD4C
iC-OD
cDFN10 4 mm x 4 mm
iC-OD cDFN10
iC-ODL
-
iC-ODL chip
iC-ODL
OBGA™ ODL2C
iC-ODL oBGA ODL2C
Please send your purchase orders to our order handling team:
Fax: +49 (0) 61 35 - 92 92 - 692
E-Mail: dispo@ichaus.com
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (0) 61 35 - 92 92 - 0
Am Kuemmerling 18
Fax: +49 (0) 61 35 - 92 92 - 192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners


Similar Part No. - IC-OD

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
578Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-ODCHIP ICHAUS-IC-ODCHIP Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-ODL ICHAUS-IC-ODL Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-ODLCHIP ICHAUS-IC-ODLCHIP Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
More results

Similar Description - IC-OD

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD_10 Datasheet
578Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
logo
List of Unclassifed Man...
PSD6407 ETC-PSD6407 Datasheet
1Mb / 16P
   POSITION SENSITIVE DETECTOR
logo
Sharp Corporation
PD3151F SHARP-PD3151F Datasheet
37Kb / 3P
   Position Sensitive Detector with Location Hole (PSD *)
logo
KODENSHI_AUK CORP.
KSD402 KODENSHI-KSD402 Datasheet
201Kb / 2P
   Position Sensitive Diodes
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
   Position Sensitive Diodes
SD-503 KODENSHI-SD-503 Datasheet
230Kb / 2P
   Position Sensitive Diodes
SD-101 KODENSHI-SD-101 Datasheet
241Kb / 2P
   Position Sensitive Diodes
SD-112S KODENSHI-SD-112S Datasheet
246Kb / 2P
   Position Sensitive Diodes
SD-201 KODENSHI-SD-201 Datasheet
239Kb / 2P
   Position Sensitive Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com