Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MD Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-MD
Description  48-BIT QUADRATURE COUNTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MD Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-MD Datasheet HTML 1Page - IC-Haus GmbH IC-MD Datasheet HTML 2Page - IC-Haus GmbH IC-MD Datasheet HTML 3Page - IC-Haus GmbH IC-MD Datasheet HTML 4Page - IC-Haus GmbH IC-MD Datasheet HTML 5Page - IC-Haus GmbH IC-MD Datasheet HTML 6Page - IC-Haus GmbH IC-MD Datasheet HTML 7Page - IC-Haus GmbH IC-MD Datasheet HTML 8Page - IC-Haus GmbH IC-MD Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
preliminary
preliminary
iC-MD 48-BIT QUADRATURE COUNTER
WITH RS422 RECEIVER AND SPI/BISS INTERFACE
Rev B1, Page 5/30
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 3 . . . 5.5 V, Tj = -40 . . . 125 °C, unless otherwise noted.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
General
001 VDD
Voltage Supply VDD
3
5.5
V
002 I(VDD)
Supply Current in VDD
TTL input configuration, 48 bits counter
15
mA
10 MHz signal in AP (0º phase) and AN
(90º phase), BP, BN, CP and CN to GND
003 Vc()hi
Clamp Voltage hi
Vc()hi = V() - VDD, I() = 1 mA, all pins
0.4
1.5
V
004 Vc()lo
Clamp Voltage lo
Vc()hi = V() - VDD, I() = 1 mA, all pins
-1.5
-0.25
V
Digital Inputs: MA, SLI, SCK, MOSI, NCS, TPI
101 Vt()hi
Input Threshold Voltage hi
2
V
102 Vt()lo
Input Threshold Voltage lo
VDD = 4.5 . . . 5.5 V
0.8
V
VDD = 3 . . . 5.5 V
0.75
V
103 Vt()hys
Input Hysteresis
150
250
mV
104 Ipd()
Input Pull-down Current at
SCK, MOSI, TPI
V() = 1 V . . . VDD
2
30
75
µA
105 Ipu()
Input Pull-Up Current at
NCS, MA
V() = 0 V . . . VDD - 1 V
-75
-30
-2
µA
106 fclk(MA)
Permissible Clock Frequency at
MA
ENSSI = 1 (SSI protocol)
4
MHz
ENSSI = 0 (BiSS protocol)
10
MHz
107 Voc()
Pin Open Voltage at SLI
42
46.5
51
%VDD
108 Ri()
Internal Resistance at SLI
Referenced to VDD
70
170
kΩ
Referenced to GND
40
110
kΩ
109 to(SLI)
Digital Filter at SLI
SLI = open
5
25
µs
110 fclk(SCK)
Permissible Clock Frequency at
SCK
10
MHz
Bidirectional Pins: NWARN, NERR
201 Ipu()
Pull-Up Current
V() = 0 V . . . VDD - 1 V
-850
-100
-10
µA
202 Vt()hi
Input Threshold Voltage hi
2
V
203 Vt()lo
Input Threshold Voltage lo
VDD = 4.5 . . . 5.5 V
0.8
V
VDD = 3 . . . 5.5 V
0.75
V
204 Vt()hys
Input Hysteresis
150
250
mV
205 Vs()lo
Saturation Voltage lo
I() = 4 mA
450
mV
206 Isc()lo
Short-Circuit Current lo
V() = 0 V . . . VDD
4
100
mA
ABZ Counter
301 R()
Counter Resolution
48
bit
302 fcnt()
Permissible Count Frequency
40
MHz
303 PHab2
Permissible A/B Phase Distance edge A vs. edge B and vice versa
TTL=1
5
ns
TTL=0, LVDS=X
13
ns
Power-Down Reset and Oscillator
601 VDDon
Power-On Supply Voltage
2.9
V
602 VDDoff
Power-Down Voltage
2.1
V
603 VDDhys
Power-On Hysteresis
VDDon - VDDoff
35
100
mV
604 f(CLK)
Internal Oscillator Frequency
VDD = 3.5 . . . 5.5 V
1.4
5.6
MHz
VDD = 3 . . . 3.5 V
1.6
6.7
MHz
Digital Outputs: SLO, MISO, ACT0, ACT1
701 Vs()hi
Saturation Voltage hi
Vs()hi = VDD - V(), I() = -4 mA
450
mV
702 Vs()lo
Saturation Voltage lo
I() = 4 mA
450
mV
703 Isc()hi
Short-Circuit Current hi
V() = 0 . . . VDD
-115
mA
704 Isc()lo
Short-Circuit Current lo
V() = 0 . . . VDD
100
mA


Similar Part No. - IC-MD

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD Datasheet
451Kb / 23P
   ENCODER RECEIVER/COUNTER WITH SPI AND BiSS
IC-MDEVALMD1D ICHAUS-IC-MDEVALMD1D Datasheet
451Kb / 23P
   ENCODER RECEIVER/COUNTER WITH SPI AND BiSS
IC-MDTSSOP20 ICHAUS-IC-MDTSSOP20 Datasheet
451Kb / 23P
   ENCODER RECEIVER/COUNTER WITH SPI AND BiSS
More results

Similar Description - IC-MD

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7166 LSI-LS7166 Datasheet
79Kb / 12P
   24-BIT QUADRATURE COUNTER
LS7166 LSI-LS7166_06 Datasheet
107Kb / 15P
   24-BIT QUADRATURE COUNTER
LS7166 LSI-LS7166_08 Datasheet
246Kb / 19P
   24-BIT QUADRATURE COUNTER
LS7566 LSI-LS7566 Datasheet
87Kb / 13P
   24-BIT FOUR-AXES QUADRATURE COUNTER
LS7266R1 LSI-LS7266R1 Datasheet
71Kb / 14P
   24-BIT DUAL-AXIS QUADRATURE COUNTER
LS7267 LSI-LS7267 Datasheet
1Mb / 15P
   24-BIT DUAL-AXIS QUADRATURE COUNTER
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
   32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7566R LSI-LS7566R_08 Datasheet
230Kb / 18P
   24-BIT x 4-AXES QUADRATURE COUNTER
LS7566R LSI-LS7566R Datasheet
88Kb / 13P
   24-BIT x 4-AXES QUADRATURE COUNTER
LS7366 LSI-LS7366 Datasheet
83Kb / 10P
   32 BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com