Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-LFM Datasheet(PDF) 4 Page - IC-Haus GmbH

Part No. IC-LFM
Description  64x1 LINEAR IMAGE SENSOR
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICHAUS [IC-Haus GmbH]
Homepage  http://www.ichaus.biz
Logo 

IC-LFM Datasheet(HTML) 4 Page - IC-Haus GmbH

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
prel
imin
ary
prel
imin
ary
iC-LFM
64x1 LINEAR IMAGE SENSOR
Rev A1, Page 4/9
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC = VDD = 5 V ±10%, RSET = GND, Tj = -25...85 °C unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VDD
Digital Supply Voltage Range
4.5
5.5
V
002
VCC
Analogue Supply Voltage Range
4.5
5.5
V
003
I(VDD)
Supply Current in VDD
f(CLK) = 1 MHz
200
300
µA
004
I(VCC)
Supply Current in VCC
2
7
mA
005
Vc()hi
Clamp Voltage hi at SI, CLK, DIS,
RSET
Vc()hi = V() − VCC; I() = 1 mA
0.3
1.8
V
006
Vc()lo
Clamp Voltage lo at SI, CLK, DIS,
RSET
Vc()hi = V() − V(AGND); I() = -1 mA
-1.5
0.3
V
007
Vc()hi
Clamp Voltage hi at AO
Vc()hi = V(AO) − VCC; I(AO) = 1 mA
0.3
1.5
V
008
Vc()lo
Clamp Voltage lo at AO, VCC,
VDD, GND
Vc()lo = V() − V(AGND); I() = -1 mA
-1.5
-0.3
V
Photodiode Array
201
A()
Radiant Sensitive Area
200 µm x 56.40 µm per Pixel
0.01128
mm2
202
S(λ)max
Spectral Sensitivity
λ
= 680 nm (see Fig. 1)
0.5
A/W
203
λar
Spectral Application Range
S(λar ) = 0.25 x S(λ)max (see Fig. 1)
400
980
nm
Analogue Output AO
301
Vs()lo
Saturation Voltage lo
I() = 1 mA
0.5
V
302
Vs()hi
Saturation Voltage hi
Vs()hi = VCC − V(), I() = -1 mA
1
V
303
K
Sensitivity
λ
= 680 nm
2.88
V/pWs
304
V0()
Offset Voltage
integration time 1 ms, no illumination
400
800
mV
305
V0()
Offset Voltage Deviation during
integration mode
V0() = V(AO)t1 − V(AO)t2,
t = t2 − t1 = 1 ms
-250
50
mV
306
V()
Signal Deviation during hold
mode
V0() = V(AO)t1 − V(AO)t2,
t = t2 − t1 = 1 ms
-150
150
mV
307
tp(CLK-
AO)
Settling Time
Cl(AO) = 10 pF,
CLK lo → hi until V(AO) = 0.98 x V(VCC)
200
ns
Power-On-Reset
801
VCCon
Power-On Release by VCC
4.4
V
802
VCCoff
Power-Down Reset by VCC
1
V
803
VCChys
Hysteresis
VCChys = VCCon − VCCoff
0.4
1
2
V
Bias Current Adjust RSET
901
Ibias()
Permissible External Bias Current
20
100
µA
902
Vref
Reference Voltage
I(RSET) = Ibias
2.5
3
3.5
V
Input Interface SI, CLK, DIS
B01
Vt()hi
Threshold Voltage hi
2
V
B02
Vt()lo
Threshold Voltage lo
0.8
V
B03
Vt()hys
Hysteresis
Vt()hys = Vt()hi − Vt()lo
100
250
mV
B04
I()
Pull-Down Current
10
30
50
µA
B05
fclk
Permissible Clock Frequency
5
MHz


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn