Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-LFM Datasheet(PDF) 3 Page - IC-Haus GmbH

Part No. IC-LFM
Description  64x1 LINEAR IMAGE SENSOR
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICHAUS [IC-Haus GmbH]
Homepage  http://www.ichaus.biz
Logo 

IC-LFM Datasheet(HTML) 3 Page - IC-Haus GmbH

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
prel
imin
ary
prel
imin
ary
iC-LFM
64x1 LINEAR IMAGE SENSOR
Rev A1, Page 3/9
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VDD
Digital Supply Voltage
-0.3
6
V
G002 VCC
Analogue Supply Voltage
-0.3
6
V
G003 V()
Voltage at SI, CLK, DIS, RSET, AO
-0.3
VCC +
0.3
V
G004 I()
Current in RSET, AO
-10
10
mA
G005 Vd()
ESD Susceptibility at all pins
HBM, 100 pF/1.5 kΩ
4
kV
G006 Tj
Operating Junction Temperature
-40
125
°C
THERMAL DATA
Operating Conditions: VCC = VDD = 5 V ±10%
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range see package specification oBGA™ LFM1C
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn