Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-LFM Datasheet(PDF) 2 Page - IC-Haus GmbH

Part No. IC-LFM
Description  64x1 LINEAR IMAGE SENSOR
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICHAUS [IC-Haus GmbH]
Homepage  http://www.ichaus.biz
Logo 

IC-LFM Datasheet(HTML) 2 Page - IC-Haus GmbH

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
prel
imin
ary
prel
imin
ary
iC-LFM
64x1 LINEAR IMAGE SENSOR
Rev A1, Page 2/9
DESCRIPTION
iC-LFM is an integrating light-to-voltage converter
with a single line of 64 pixels pitched at 63.5 µm
(center-to-center distance). Each pixel consists of a
56.4 µm x 200 µm photodiode, an integration capaci-
tor and a sample and hold circuit.
The integrated control logic makes operation very
simple, with only a start and clock signal necessary.
A third control input enables the integration period to
be paused at any time (electronic shutter).
With the start signal the hold mode is activated for all
pixels simultaneously with the next rising clock edge;
starting with pixel 1 the hold voltages are switched in
sequence to the push-pull output amplifier. The sec-
ond clock pulse deletes all integration capacitors and
the integration period starts again in the background
during the output phase. A run is complete after 64
clock pulses.
iC-LFM is suitable for high clock rates of up to 5 MHz.
If this is not required the supply current can be re-
duced via the external bias setting.
PACKAGING INFORMATION oBGA LFM1C
PIN CONFIGURATION oBGA LFM1C
2
3
4
1
5
6
7
8
PIN FUNCTIONS
No. Name Function
1 SI
Start Integration Input
2 CLK
Clock Input
3 AO
Analogue Output
4 VCC
+5 V Supply Voltage
5 RSET Bias Current (connected to GND for in-
ternal bias = default; resistor from VCC
to RSET for reduced current consump-
tion)
6 AGND Analogue Ground
7 GND
Digital Ground
8 DIS
Global Shutter


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn