Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-LFM Datasheet(PDF) 1 Page - IC-Haus GmbH

Part No. IC-LFM
Description  64x1 LINEAR IMAGE SENSOR
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICHAUS [IC-Haus GmbH]
Homepage  http://www.ichaus.biz
Logo 

IC-LFM Datasheet(HTML) 1 Page - IC-Haus GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
prel
imin
ary
prel
imin
ary
iC-LFM
64x1 LINEAR IMAGE SENSOR
Rev A1, Page 1/9
FEATURES
o 64 active photo pixels of 56 µm at a pitch of 63.5 µm (400 DPI)
o Integrating L-V conversion followed by a sample & hold circuit
o High sensitivity and uniformity over wavelength
o High clock rates of up to 5 MHz
o Only 64 clocks required for readout
o Shutter function enables flexible integration times
o Glitch-free analogue output
o Push-pull output amplifier
o 5 V single supply operation
APPLICATIONS
o Optical line sensors
o CCD substitute
PACKAGES
oBGA LFM1C
BLOCK DIAGRAM
DIS
Q
D
C
Bit 3
Q
NR
D
NQ
NR
Q
C
VHE
ONE
NQ
NS
NQ
Control
Bit 1
C
MULTIPLEXER
CONTROL AND SHIFT REGISTER
D
PIXEL−
PIXOI
Pixel 1
NRCI
SNH64
Bit 63
RPIX(1:64)
SNH
ACTIVE PIXELS
OUTPUT
C
Sample−and−Hold−
NQ
D
Bit 2
Q
NS
Q
BIAS
Pixel 2
NR
AMPLIFIER
Pixel 64
Bit 64
NQ
D
PIXEI
REF
C
VHO
AGND
AO
CLK
GND
RSET
SI
VCC
VDD
iC−LFM
Copyright © 2015 iC-Haus
http://www.ichaus.com


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn