Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-LFM Datasheet(PDF) 7 Page - IC-Haus GmbH

Part No. IC-LFM
Description  64x1 LINEAR IMAGE SENSOR
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICHAUS [IC-Haus GmbH]
Homepage  http://www.ichaus.biz
Logo 

IC-LFM Datasheet(HTML) 7 Page - IC-Haus GmbH

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
prel
imin
ary
prel
imin
ary
iC-LFM
64x1 LINEAR IMAGE SENSOR
Rev A1, Page 7/9
SNH
SNH64
NRCI
Integration Time
67
Pix64
Pix63
...
Pix63
Pix64
Pix62
63
Pix1
1
64
3
V(AO)
CLK
SI
Pix2
Pix3
62
65
66
63
64
2
4
...
Pix1
Figure 6: Clock pulse continued without giving a new integration start signal
Operation with the shutter function
Integration can be halted at any time via pin DIS, i.e.
the photodiodes are disconnected from their corre-
sponding integration capacitor when DIS is high and
the current integration capacitor voltages are main-
tained. If this pin is open or switched to GND the pixel
photocurrents are summed up by the integration ca-
pacitors until the next successive SI signal follows.
PIX SAMPLE−C
5
6
DIS
Integration
Integration
Disabled
Disabled
Integration
Enabled
SNH
1
NRCI
2
...
1
4
SI
CLK
3
64
63
Figure 7: Defining the integration time via shutter input DIS
External bias current setting
In order to reduce the power consumption of the device
an external reference current can be supplied to pin
RSET which reduces the maximum readout frequency,
however. To this end a resistor must be connected
from VCC to RSET. If this pin is not used, it should
be connected to GND.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn