Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC-LFM Datasheet(PDF) 5 Page - IC-Haus GmbH

Part No. IC-LFM
Description  64x1 LINEAR IMAGE SENSOR
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICHAUS [IC-Haus GmbH]
Homepage  http://www.ichaus.biz
Logo 

IC-LFM Datasheet(HTML) 5 Page - IC-Haus GmbH

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
prel
imin
ary
prel
imin
ary
iC-LFM
64x1 LINEAR IMAGE SENSOR
Rev A1, Page 5/9
OPTICAL CHARACTERISTICS: Diagrams
400
10
20
30
40
50
60
70
80
90
100
600
800
1000 nm
%
Figure 1: Relative spectral sensitivity
OPERATING REQUIREMENTS: Logic
Operating Conditions: VCC = VDD = 5 V ±10%, Tj = -25...85 °C
input levels lo = 0...0.45 V, hi = 2.4 V...VCC, see Fig. 2 for reference levels
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
I001
tset
Setup Time:
SI stable before CLK lo → hi
see Fig. 3
50
ns
I002
thold
Hold Time:
SI stable after CLK lo → hi
see Fig. 3
50
ns
t
V
2.0V
0.8V
2.4V
0.45V
0
1
Input/Output
Figure 2: Reference levels
CLK
SI
tset
thold
Figure 3: Timing diagram


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn