Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HV Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-HV
Description  VCSEL ARRAY DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HV Datasheet(HTML) 8 Page - IC-Haus GmbH

  IC-HV Datasheet HTML 1Page - IC-Haus GmbH IC-HV Datasheet HTML 2Page - IC-Haus GmbH IC-HV Datasheet HTML 3Page - IC-Haus GmbH IC-HV Datasheet HTML 4Page - IC-Haus GmbH IC-HV Datasheet HTML 5Page - IC-Haus GmbH IC-HV Datasheet HTML 6Page - IC-Haus GmbH IC-HV Datasheet HTML 7Page - IC-Haus GmbH IC-HV Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
prel
imin
ary
prel
imin
ary
iC-HV
VCSEL ARRAY DRIVER
Rev A1, Page 8/8
ORDERING INFORMATION
Type
Package
Order Designation
iC-HV
dice
on request
Please send your purchase orders to our order handling team:
Fax: +49 (0) 61 35 - 92 92 - 692
E-Mail: dispo@ichaus.com
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (0) 61 35 - 92 92 - 0
Am Kuemmerling 18
Fax: +49 (0) 61 35 - 92 92 - 192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners


Similar Part No. - IC-HV

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HV102V ICHAUS-IC-HV102V Datasheet
3Mb / 10P
   200MHz LASER SWITCH WITH INTEGRATED POWER VCSEL ARRAY
iC-HV103V ICHAUS-iC-HV103V Datasheet
3Mb / 10P
   200MHz LASER SWITCH WITH INTEGRATED POWER VCSEL ARRAY
More results

Similar Description - IC-HV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88024L MICREL-SY88024L Datasheet
365Kb / 10P
   11.3Gbps VCSEL DRIVER
logo
Mitel Networks Corporat...
4D469 MITEL-4D469 Datasheet
74Kb / 3P
   VCSEL Array(Parallel Datacom, Telecom)
logo
Micrel Semiconductor
SY84402L MICREL-SY84402L Datasheet
292Kb / 7P
   4.25Gbps VCSEL Driver
logo
Integrated Device Techn...
HXT6101 IDT-HXT6101 Datasheet
40Kb / 2P
   16Gbps VCSEL Driver
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L_11 Datasheet
767Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3905 MAXIM-MAX3905 Datasheet
1Mb / 13P
   150Mbps Automotive VCSEL Driver
Rev 0; 4/04
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
LTC5100 LINER-LTC5100_15 Datasheet
582Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
logo
Zarlink Semiconductor I...
PX6410 ZARLINK-PX6410 Datasheet
550Kb / 3P
   Multi-Rate VCSEL Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com