Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HK Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-HK
Description  155MHz LASER SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HK Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-HK_15 Datasheet HTML 1Page - IC-Haus GmbH IC-HK_15 Datasheet HTML 2Page - IC-Haus GmbH IC-HK_15 Datasheet HTML 3Page - IC-Haus GmbH IC-HK_15 Datasheet HTML 4Page - IC-Haus GmbH IC-HK_15 Datasheet HTML 5Page - IC-Haus GmbH IC-HK_15 Datasheet HTML 6Page - IC-Haus GmbH IC-HK_15 Datasheet HTML 7Page - IC-Haus GmbH IC-HK_15 Datasheet HTML 8Page - IC-Haus GmbH IC-HK_15 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
iC-HK, iC-HKB
155 MHz LASER SWITCH
Rev F2, Page 3/10
PACKAGE DIMENSIONS SO8-TP
4.90
1.27
0.40
2.29
TOP
SIDE
0.84
FRONT
1.27
0.60
2.40
RECOMMENDED PCB-FOOTPRINT
dra_so8-tp-3_pack_1, 10:1
All dimensions given in mm. Tolerances of form and position according to JEDEC MS-012


Similar Part No. - IC-HK_15

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
More results

Similar Description - IC-HK_15

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
   155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HB ICHAUS-IC-HB_13 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB Datasheet
586Kb / 8P
   TRIPLE 155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HBQFN24 ROITHNER-HBQFN24 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
logo
TAI-SAW TECHNOLOGY CO.,...
TA155E1 TAI-SAW-TA155E1 Datasheet
198Kb / 4P
   SAW Filter 155MHz
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com