Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HGP Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-HGP
Description  3A HIGH-SIDE LASER SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HGP Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-HGP Datasheet HTML 1Page - IC-Haus GmbH IC-HGP Datasheet HTML 2Page - IC-Haus GmbH IC-HGP Datasheet HTML 3Page - IC-Haus GmbH IC-HGP Datasheet HTML 4Page - IC-Haus GmbH IC-HGP Datasheet HTML 5Page - IC-Haus GmbH IC-HGP Datasheet HTML 6Page - IC-Haus GmbH IC-HGP Datasheet HTML 7Page - IC-Haus GmbH IC-HGP Datasheet HTML 8Page - IC-Haus GmbH IC-HGP Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
prel
imin
ary
prel
imin
ary
iC-HGP
3 A HIGH-SIDE LASER SWITCH
Rev A1, Page 1/20
FEATURES
Six channel laser switch from CW up to 200 MHz
CW operation with up to 500 mA per channel
Pulsed operation with up to 1.5 A per channel
Spike-free switching of the laser current
6 x 1 channels with TTL inputs
3 x 2 channels with LVDS inputs
Operates as six independent voltage-controlled current sources
Laser supplies are 12 V capable for blue/green laser diodes
Fast and slow switching mode
Simple current control at pins CIx
CIx voltage < 3 V for full CW current
Wide supply voltage range from 3 to 5.5 V
All channels can be paralleled for up to 3 A CW and 9 A pulsed
operation
Multiple iC-HGP can be connected in parallel for higher currents
Open drain error output
Thermal shutdown
APPLICATIONS
Pump lasers
Laser projection
Laser TV
Data transmission
TOF camera lighting
LIDAR lighting
PACKAGES
QFN32
5 mm x 5 mm
RoHS compliant
BLOCK DIAGRAM
Copyright © 2017 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-HGP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
778Kb / 21P
   3 A LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
913Kb / 20P
   3 A LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
901Kb / 20P
   3A LASER SWITCH
IC-HGEVALHG1D ICHAUS-IC-HGEVALHG1D Datasheet
844Kb / 19P
   3A LASER SWITCH
More results

Similar Description - IC-HGP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG_14 Datasheet
901Kb / 20P
   3A LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
   3A High-Side Load Switch
MIC9416X MICREL-MIC9416X Datasheet
742Kb / 12P
   3A High-Side Load Switch with Reverse Blocking
logo
Analog Technologies, In...
ATLS3A212D ANALOGTECHNOLOGIES-ATLS3A212D Datasheet
1Mb / 15P
   High Voltage Constant Current 3A Laser Driver
7/4/2022
ATLS3A212DHS ANALOGTECHNOLOGIES-ATLS3A212DHS Datasheet
1Mb / 16P
   High Voltage Constant Current 3A Laser Driver
7/4/2022
logo
Rohm
BD6512F ROHM-BD6512F Datasheet
215Kb / 6P
   High-Side Switch
logo
Sanyo Semicon Device
4AM02MH5 SANYO-4AM02MH5 Datasheet
36Kb / 4P
   High-side Switch
logo
Rohm
BD6516F ROHM-BD6516F Datasheet
209Kb / 6P
   High Side Switch
logo
Linear Technology
LT1089 LINER-LT1089_15 Datasheet
134Kb / 8P
   High Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com