Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HG Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-HG
Description  3A LASER SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HG Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-HG_14 Datasheet HTML 1Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 2Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 3Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 4Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 5Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 6Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 7Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 8Page - IC-Haus GmbH IC-HG_14 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
iC-HG
3 A LASER SWITCH
Rev B2, Page 3/20
PACKAGING INFORMATION QFN28 5 mm x 5 mm to JEDEC
PIN CONFIGURATION QFN28 5 mm x 5 mm
HG
code...
...
1
2
3
4
5
9
10
11
12
13
18
19
20
21
25
26
27
28
14
16
17
23
24
6
7
8
15
22
PIN FUNCTIONS
No. Name
Function
1 CI1
Current control voltage channel 1
2 CI2
Current control voltage channel 2
3 CI3
Current control voltage channel 3
4 GND
Ground
5 CI4
Current control voltage channel 4
6 CI5
Current control voltage channel 5
7 CI6
Current control voltage channel 6
8 AGND6 Analog ground channel 6
9 LDK6
Laser diode cathode channel 6
10 AGND5 Analog ground channel 5
11 LDK5
Laser diode cathode channel 5
12 AGND4 Analog ground channel 4
13 LDK4
Laser diode cathode channel 4
14 EN6
TTL switching input channel 6
Negative LVDS Input channel 5 and 6
15 EN5
TTL switching input channel 5
Positive LVDS Input channel 5 and 6
16 EN4
TTL switching input channel 4
Negative LVDS Input channel 3 and 4
17 EN3
TTL switching input channel 3
Positive LVDS Input channel 3 and 4
18 VDD
Supply voltage
19 ELVDS TTL/LVDS Fast/Slow Input selector
20 EN2
TTL switching input channel 2
Negative LVDS Input channel 1 and 2
21 EN1
TTL switching input channel 1
Positive LVDS Input channel 1 and 2
22 NER
Error monitor output
23 LDK3
Laser diode cathode channel 3
24 AGND3 Analog ground channel 3
25 LDK2
Laser diode cathode channel 2
26 AGND2 Analog ground channel 2
27 LDK1
Laser diode cathode channel 1
28 AGND1 Analog ground channel 1
The Thermal Pad is to be connected to a Ground Plane (GND, AGND1. . . 6) on the PCB.
Only pin 1 marking on top or bottom defines the package orientation (
HG label and coding is subject
to change).


Similar Part No. - IC-HG_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG_11 Datasheet
778Kb / 21P
   3 A LASER SWITCH
IC-HG ICHAUS-IC-HG_13 Datasheet
913Kb / 20P
   3 A LASER SWITCH
More results

Similar Description - IC-HG_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
IC-HGP ICHAUS-IC-HGP Datasheet
861Kb / 20P
   3A HIGH-SIDE LASER SWITCH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
   155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
   155MHz LASER SWITCH
logo
Analog Technologies, In...
ATLS3A212D ANALOGTECHNOLOGIES-ATLS3A212D Datasheet
1Mb / 15P
   High Voltage Constant Current 3A Laser Driver
7/4/2022
ATLS3A212DHS ANALOGTECHNOLOGIES-ATLS3A212DHS Datasheet
1Mb / 16P
   High Voltage Constant Current 3A Laser Driver
7/4/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com