Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HF Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-HF
Description  6-CH. ENCODER LINK, RS-422 DRIVER/RECEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HF Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-HF Datasheet HTML 1Page - IC-Haus GmbH IC-HF Datasheet HTML 2Page - IC-Haus GmbH IC-HF Datasheet HTML 3Page - IC-Haus GmbH IC-HF Datasheet HTML 4Page - IC-Haus GmbH IC-HF Datasheet HTML 5Page - IC-Haus GmbH IC-HF Datasheet HTML 6Page - IC-Haus GmbH IC-HF Datasheet HTML 7Page - IC-Haus GmbH IC-HF Datasheet HTML 8Page - IC-Haus GmbH IC-HF Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
preliminary
preliminary
iC-HF
6-CH. ENCODER LINK, RS-422 DRIVER/RECEIVER
Rev C1, Page 4/36
PACKAGING INFORMATION
PIN CONFIGURATION QFN32-5x5
(topview)
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
<D-CODE>
<A-CODE>
<P-CODE>
PIN FUNCTIONS
No. Name
Function
1 X5
Channel 5 positive input
2 X4
Channel 4 positive input
3 X3
Channel 3 positive input
4 NX3
Channel 3 negative input
5 OEN
Output Enable input
6 X2
Channel 2 positive input
7 NX2
Channel 2 negative input
8 X1
Channel 1 positive input
9 NX1
Channel 1 negative input
10 Q1
Channel 1 positive output
11 NQ1
Channel 1 negative output
12 Q2
Channel 2 positive output
13 NQ2
Channel 2 negative output
14 Q3
Channel 3 positive output
15 NQ3
Channel 3 negative output
16 NERRI
Error Input (low active)
17 ECM
Enable Encoder Link State input
18 VDD
Power Supply Voltage
19 VDDS
Switched Power Supply output
20 GND
Ground
21 GNDS
Switched Ground output
22 FMSEL2 Function Mode Select 2 input
23 FMSEL1 Function Mode Select 1 input
24 PTC
PT configuration output
25 NERR
Error Output (low active)
26 NQ6
Channel 6 negative output
27 Q6
Channel 6 positive output
28 NQ5
Channel 5 negative output
29 Q5
Channel 5 positive output
30 NQ4
Channel 4 negative output
31 Q4
Channel 4 positive output
32 X6
Channel 6 positive input
TP
Thermal Pad (GNDS)
The pin directions input and out-
put are related to default operation,
not to Encoder Link State or opera-
tional mode.
The Thermal Pad must be connected to GNDS.


Similar Part No. - IC-HF

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HB ICHAUS-IC-HB Datasheet
586Kb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB_13 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HC ICHAUS-IC-HC Datasheet
643Kb / 10P
   ULTRA FAST DUAL HV-KOMPARATOR
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - IC-HF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3282EMRTEP INTERSIL-ISL3282EMRTEP Datasheet
624Kb / 8P
   RS-485/RS-422 Receiver
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
[Old version datasheet]   DS3486 Quad RS-422, RS-423 Line Receiver
logo
WAGO Kontakttechnik Gmb...
750-631-000-004 WAGO-750-631-000-004 Datasheet
502Kb / 11P
   Incremental encoder interface; RS-422; 16 bits
750-637 WAGO-750-637 Datasheet
570Kb / 12P
   Incremental encoder interface; RS-422; 32 bits
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
   QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
National Semiconductor ...
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
DS8922 TI1-DS8922_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com