Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HF Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-HF
Description  6-CH. ENCODER LINK, RS-422 DRIVER/RECEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HF Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-HF Datasheet HTML 1Page - IC-Haus GmbH IC-HF Datasheet HTML 2Page - IC-Haus GmbH IC-HF Datasheet HTML 3Page - IC-Haus GmbH IC-HF Datasheet HTML 4Page - IC-Haus GmbH IC-HF Datasheet HTML 5Page - IC-Haus GmbH IC-HF Datasheet HTML 6Page - IC-Haus GmbH IC-HF Datasheet HTML 7Page - IC-Haus GmbH IC-HF Datasheet HTML 8Page - IC-Haus GmbH IC-HF Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
preliminary
preliminary
iC-HF
6-CH. ENCODER LINK, RS-422 DRIVER/RECEIVER
Rev C1, Page 5/36
PACKAGE DIMENSIONS
5
TOP
3.65
0.22
0.50
BOTTOM
SIDE
R0.15
3.60
4.90
0.30
0.50
RECOMMENDED PCB-FOOTPRINT
drb_qfn32-5x5-6_pack_1, 10:1
All dimensions given in mm.
Tolerances of form and position according to JEDEC MO-220.


Similar Part No. - IC-HF

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HB ICHAUS-IC-HB Datasheet
586Kb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB_13 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HC ICHAUS-IC-HC Datasheet
643Kb / 10P
   ULTRA FAST DUAL HV-KOMPARATOR
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - IC-HF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3282EMRTEP INTERSIL-ISL3282EMRTEP Datasheet
624Kb / 8P
   RS-485/RS-422 Receiver
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
[Old version datasheet]   DS3486 Quad RS-422, RS-423 Line Receiver
logo
WAGO Kontakttechnik Gmb...
750-631-000-004 WAGO-750-631-000-004 Datasheet
502Kb / 11P
   Incremental encoder interface; RS-422; 16 bits
750-637 WAGO-750-637 Datasheet
570Kb / 12P
   Incremental encoder interface; RS-422; 32 bits
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
   QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
National Semiconductor ...
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
DS8922 TI1-DS8922_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com