Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HD2 Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-HD2
Description  QUAD DIFFERENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HD2 Datasheet(HTML) 7 Page - IC-Haus GmbH

  IC-HD2 Datasheet HTML 1Page - IC-Haus GmbH IC-HD2 Datasheet HTML 2Page - IC-Haus GmbH IC-HD2 Datasheet HTML 3Page - IC-Haus GmbH IC-HD2 Datasheet HTML 4Page - IC-Haus GmbH IC-HD2 Datasheet HTML 5Page - IC-Haus GmbH IC-HD2 Datasheet HTML 6Page - IC-Haus GmbH IC-HD2 Datasheet HTML 7Page - IC-Haus GmbH IC-HD2 Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
iC-HD2
QUAD DIFFERENTIAL LINE DRIVER
Rev A6, Page 7/8
is usually below 1 amps. Therefore, typical 1 amps
rated rectifier diodes like 1N4002 (with VR,D = 100 V)
through 1N4007 (with VR,D = 1000 V) or equivalent
types (BA157 through BA159) can be used. At VBmax
of 30V, neither the suppressor diode TS nor the Zener
diode ZD should draw substantial current. Therefore,
their breakdown voltage should be chosen to be some
volts higher. A 36 V rated suppressor diode with 1.5kW
pulse power capability like a 1N6284 or 1.5KE36 the
minimum breakdown voltage measured at a test cur-
rent of 1 mA is stated as 32.4 V. Also, a zener diode
like a BZT03C36 rated for 36 V also shows a minimum
breakdown voltage of 32.4 V, but measured at test cur-
rent of 10 mA.
Figure 4: Using zener diode ZD to limit circuit supply voltage
iC-Haus expressly reserves the right to change its products and/or specifications. An info letter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.de/infoletter; this letter is generated automatically and shall be sent to registered users by
email.
Copying – even as an excerpt – is only permitted with iC-Haus’ approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification and does not assume liability for any errors or omissions in these
materials.
The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness
for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no
guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of
the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.


Similar Part No. - IC-HD2

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD2TSSOP20 ICHAUS-IC-HD2TSSOP20 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - IC-HD2

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
ET7272 ICHAUS-ET7272 Datasheet
52Kb / 3P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7 Datasheet
253Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
TDA7237 STMICROELECTRONICS-TDA7237 Datasheet
78Kb / 5P
   QUAD DIFFERENTIAL LINE DRIVER
logo
IC-Haus GmbH
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7_14 Datasheet
239Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com