Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-GE Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-GE
Description  PWM RELAY/SOLENOID DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GE Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-GE_14 Datasheet HTML 2Page - IC-Haus GmbH IC-GE_14 Datasheet HTML 3Page - IC-Haus GmbH IC-GE_14 Datasheet HTML 4Page - IC-Haus GmbH IC-GE_14 Datasheet HTML 5Page - IC-Haus GmbH IC-GE_14 Datasheet HTML 6Page - IC-Haus GmbH IC-GE_14 Datasheet HTML 7Page - IC-Haus GmbH IC-GE_14 Datasheet HTML 8Page - IC-Haus GmbH IC-GE_14 Datasheet HTML 9Page - IC-Haus GmbH IC-GE_14 Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
iC-GE
PWM RELAY/SOLENOID DRIVER
Rev B1, Page 6/14
ELECTRICAL CHARACTERISTICS
Operating Conditions: VB = 10...36 V, LSW = 0.01...10 H, RACT = 5...50 kΩ, RHOLD = 5...50 kΩ, Tj = -40...125 °C.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
413
tpACT
Time to error "Energising current
not reached"
EN = high → DIAG = lo;
10
s
IACT not reached
414
tpUV
Time to error "Undervoltage"
EN = high → DIAG = lo;
10
s
VB < VBon
Reference IACT and IHOLD
701
V()
Reference Voltage at IACT and
IHOLD
1.21
1.27
1.33
V
702
Isc()
Short-Circuit Current in IACT and
IHOLD
V(ISET) = 0 V or V(IHOLD) = 0 V
-6
-3.7
-2
mA
703
K1
Transfer Value for Energising
Current RACT = K1 / I(SW)act
I(SW)act = 100...1000 mA
4500
5000
5500
A
704
K2
Transfer Value for Hold Current
RHOLD = K2 / I(SW)hold
I(SW)hold = 100...1000 mA
4500
5000
5500
A
Energising Time Prolongation TACT
C01
tpPWMlo
Propagation Delay from EN = hi
to changeover from IACT to
IHOLD
TACT not connected (see Figure 1)
55
65
75
ms
C02
K3
Energising Time Prolongation
tpPWM = tpPWMlo + K3 ∗ CACT
0.8
1
1.2
ms/nF
C03
Vth()tact
Threshold at TACT
1.27
V
C04
Vs()
Saturation Voltage at TACT
I(TACT) = 10 µA
20
mV
Oscillator
J01
fosc
Mean Oscillator Frequency
(fmax + fmin) / 2
60
80
120
kHz
J02
df
Frequency Variation
(fmax - fmin) / (2∗fosc)
12
15
%
Synchronisation SYNC
S01
Vth()sync
Trigger Threshold at SYNC
-40
40
mV
S02
Ilk()
Leakage Current
V(SYNC) = -3 V ... 3 V
-100
100
nA


Similar Part No. - IC-GE_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
More results

Similar Description - IC-GE_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE Datasheet
497Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100 Datasheet
453Kb / 11P
   PWM RELAY/SOLENOID DRIVER
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI-DRV102 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com