Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-DX Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-DX
Description  UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DX Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-DX Datasheet HTML 1Page - IC-Haus GmbH IC-DX Datasheet HTML 2Page - IC-Haus GmbH IC-DX Datasheet HTML 3Page - IC-Haus GmbH IC-DX Datasheet HTML 4Page - IC-Haus GmbH IC-DX Datasheet HTML 5Page - IC-Haus GmbH IC-DX Datasheet HTML 6Page - IC-Haus GmbH IC-DX Datasheet HTML 7Page - IC-Haus GmbH IC-DX Datasheet HTML 8Page - IC-Haus GmbH IC-DX Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
iC-DX
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
Rev C1, Page 4/9
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VB
Supply Voltage
Referenced to lowest voltage of GND, OUT
36
V
Referenced to highest voltage of GND, OUT
-36
V
G002 OUT
OUT Voltage
Referenced to lowest voltage of VB, GND
36
V
Referenced to highest voltage of GND, OUT
-36
V
G003 GND
GND Voltage
Referenced to lowest voltage of VB, OUT
36
V
Referenced to highest voltage of GND, OUT
-36
V
G004 Es()
Maximum Surge Energy as indication
for external protection design
Single pulse test between each pins of VB,
OUT or GND. Pulse magnitude less than 55 V,
duration less than 100 µs
6.5
mJ
G005 V()
Voltage at IN, OE
-0.3
7
V
G006 Tj
Junction Temperature
-40
150
°C
G007 Ts
Storage Temperature
-40
150
°C
G008 Vd()
ESD Susceptibility
HBM, 100 pF discharged through 1.5 kΩ
2
kV
THERMAL DATA
Operating Conditions: VB = 8..30 V
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range no thermal shutdown
-40
+150
°C
T02
Rthja
Thermal Resistance Chip to Ambient
iC-DX surface mounted on evaluation board
DX1M
130
K/W
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


Similar Part No. - IC-DX

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DX ICHAUS-IC-DX Datasheet
417Kb / 9P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX ICHAUS-IC-DX Datasheet
423Kb / 2P
   Digital Sensor Output Drivers
IC-DX ICHAUS-IC-DX Datasheet
456Kb / 10P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX ICHAUS-IC-DX Datasheet
519Kb / 12P
   DIGITAL SENSOR I/O DRIVER
IC-DX3 ICHAUS-IC-DX3 Datasheet
417Kb / 11P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
More results

Similar Description - IC-DX

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DX ICHAUS-IC-DX Datasheet
417Kb / 9P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX ICHAUS-IC-DX_11 Datasheet
456Kb / 10P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX3 ICHAUS-IC-DX3 Datasheet
417Kb / 11P
   UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
   Digital Output Temperature Sensor
June, 2014 ??Rev. 12
logo
Epson ToYoCom
XV7001BB EPSONTOYOCOM-XV7001BB Datasheet
534Kb / 2P
   GYRO Sensor (Digital Output)
logo
Toshiba Semiconductor
TCS10NLU TOSHIBA-TCS10NLU Datasheet
144Kb / 6P
   Digital Output Magnetic Sensor
TCS10NPU TOSHIBA-TCS10NPU Datasheet
148Kb / 6P
   Digital-Output Magnetic Sensor
TCS11DLU TOSHIBA-TCS11DLU Datasheet
150Kb / 6P
   Digital Output Magnetic Sensor
logo
ON Semiconductor
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
   Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
logo
Toshiba Semiconductor
TCS10DLU TOSHIBA-TCS10DLU Datasheet
114Kb / 6P
   Digital-Output Magnetic Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com