Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1749 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1749
Description  Integrated Circuit Push-Pull Four Channel Driver
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1749 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1749 Datasheet HTML 1Page - NTE Electronics NTE1749 Datasheet HTML 2Page - NTE Electronics NTE1749 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VSS
Pin Connection Diagram
VS
1
2
3
4
CE 1
Input 1
Output 1
GND
5
GND
6
Output 2
7
Input 2
16
15
14
13
Input 4
Output 4
GND
12 GND
11 Output 3
10 Input 3
8
9 CE 2
Electrical Characteristics: (Per Channel, VS = 24V, VSS = 5V, TA = +25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VS
VSS
36
V
Logic Supply Voltage
VSS
4.5
36
V
Total Quiescent Supply Current
IS
Vi = L, IO = 0, Vinh = H
2
6
mA
Vi = H, IO = 0, Vinh = H
16
24
mA
Vinh = L
4
mA
Total Quiescent Logic Supply Current
IS
Vi = L, IO = 0, Vinh = H
44
60
mA
Vi = H, IO = 0, Vinh = H
16
24
mA
Vinh = L
16
24
mA
Input Low Voltage
VIL
–0.3
1.5
V
Input High Voltage
VIH
VSS ≤ 7V
2.3
Vss
V
VSS > 7V
2.3
7
V
Low Voltage Input Current
IIL
VIL = 1.5V
–10
µA
High Voltage Input Current
IIH
2.3V
≤ VIH ≤ VSS – 0.6V
30
100
µA
Inhibit Low Voltage
VinhL
–0.3
1.5
V
Inhibit High Voltage
VinhH
VSS ≤ 7V
2.3
Vss
V
Vss > 7V
2.3
7
V
Low Voltage Inhibit Current
IinhL
VinhL = 1.5V
–30
100
µA
High Voltage Inhibit Current
IIHhH
2.3V
≤ VinhH ≤ VSS –0.6V
±10
µA
Source Output Saturation Voltage
VCEsatH IO = –1A
1.4
1.8
V
Sink Output Saturation Voltage
VCEsat L IO = 1A
1.2
1.8
V
Rise Time
tr
0.1 to 0.9 Vo
250
ns
Fall Time
tf
0.9 to 0.1 Vo
250
ns
Turn–On Delay Time
ton
0.5 Vi to 0.5 Vo
750
ns
Turn–Off Delay Time
toff
0.5 Vi to 0.5 Vo
200
ns
Truth Table
Vi (Each Channel)
Vo
Vinh (Note 2)
H
H
H
L
L
H
H
X (Note 1)
L
L
X (Note 1)
L
Note 1. High Output Impedance
Note 2. Relative to the Considerate Channel


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn