Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF20H100CT Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CF20H100CT
Description  20A Trench Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CF20H100CT Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CF20H100CT Datasheet HTML 1Page - Chip Integration Technology Corporation CF20H100CT Datasheet HTML 2Page - Chip Integration Technology Corporation CF20H100CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Fig.1 - Forward Current Derating Curve (per diode)
0
25
50
75
100
125
150
175
O
Case Temperature,T ( C)
C
10
8
4
single phase half wave 60Hz
resistive or inductive load
6
2
CF20H100CT
20A Trench Schottky Rectifier
Document ID : DS-11KHS
Revised Date : 2015/09/16
Revision : C
Reverse Voltage,V (V)
R
Fig. 3 - Reverse Characteristics (per diode)
0
10
1
0.1
0.01
0.001
O
T =125 C
A
O
T =100 C
A
O
T =75 C
A
O
T =25 C
A
O
T =50 C
A
20
40
60
80
100
0
100
10
1
0.1
0.01
200
400
600
800
1000
Fig. 2 - Instantaneous Forward
Characteristics (per diode)
Instantaneous Forward Voltage,V (Volts)
F
T =125°C
A
T =25°C
A
T =75°C
A
T =100°C
A
T =50°C
A
1000
100
10
1
10
Fig. 4 - Typical Junction Capacitance
(per diode)
Instantaneous Forward Voltage,V (Volts)
F
1
100
0
Fig. 5 - Forward Power Dissipation
Average Forward Current,I
(A)
F ( AV )
0
1
2
3
4
5
6
7
8
9
2
4
6
8
10
12
14


Similar Part No. - CF20H100CT

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CF200-A12C MURATA-PS-CF200-A12C Datasheet
183Kb / 4P
   200 Watt High Density AC/DC Power Supply
logo
MERITEK ELECTRONICS COR...
CF200103GTR MERITEK-CF200103GTR Datasheet
86Kb / 1P
   Carbon Film Resistors
CF200103JTR MERITEK-CF200103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
CF200103KTR MERITEK-CF200103KTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
Cvilux Corporation
CF20041U0R0-NH CVILUX-CF20041U0R0-NH Datasheet
225Kb / 2P
   0.50mm(.031) 1IF FFC/FPC UPSIDE. CONTACT SURFACE MOUNT CONNECTOR
19.07.18
More results

Similar Description - CF20H100CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
   20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
   20A Trench Schottky Rectifier
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
   20A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT20120CT DIODES-SDT20120CT Datasheet
756Kb / 7P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20B100CT DIODES-SDT20B100CT Datasheet
732Kb / 7P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20A120CT DIODES-SDT20A120CT Datasheet
703Kb / 6P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 5 - 2
logo
Chip Integration Techno...
CF20100CT CITC-CF20100CT Datasheet
469Kb / 3P
   20A Trench Schottky Rectifier
CP20L120SG CITC-CP20L120SG Datasheet
116Kb / 3P
   20A Trench Schottky Rectifier
CF20L100CT CITC-CF20L100CT Datasheet
477Kb / 3P
   20A Trench Schottky Rectifier
CF20S100CT CITC-CF20S100CT Datasheet
507Kb / 3P
   20A Trench Schottky Rectifier
CTP20L60SG CITC-CTP20L60SG Datasheet
521Kb / 4P
   20A Trench Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com