Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK1040D Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SK1040D
Description  10.0A SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SK1040D Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SK1040D Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SK1040D Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2

Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
SK1040D-SK10200D
SK1040D-SK10200D
R
ATING AND CHARACTERISTIC CURVES
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
2.0
4.0
6.0
8.0
10.0
12.0
CASE TEMPERATURE,( C)
°
0
0
20
40
60
80
100
120
140
160
180
200
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
Tj=25 C
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
60
30
0
90
150
120
NUMBER OF CYCLES AT 60Hz
110
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
FIG.4 - TYPICAL REVERSE
CHARACTERISTICS
0.001
0.01
0.1
1.0
100
10
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80
100
20V~45V
50V~200V
T25 C
J
= °
T 100 C
J
=
°


Similar Part No. - SK1040D

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SK1040D DYELEC-SK1040D Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diotec Semiconductor
SK1040D1 DIOTEC-SK1040D1 Datasheet
81Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1040D1 DIOTEC-SK1040D1 Datasheet
125Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1040D1 DIOTEC-SK1040D1 Datasheet
164Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
logo
Inchange Semiconductor ...
SK1040D1 ISC-SK1040D1 Datasheet
273Kb / 2P
   Schottky Rectifier
More results

Similar Description - SK1040D

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MBR1040CP ZSELEC-MBR1040CP Datasheet
289Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
BD1040CT ZSELEC-BD1040CT Datasheet
147Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
SB1040DC ZSELEC-SB1040DC Datasheet
147Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
MBR1040G ZSELEC-MBR1040G Datasheet
299Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
MBR1040CG ZSELEC-MBR1040CG Datasheet
283Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
MBR1040CT ZSELEC-MBR1040CT Datasheet
320Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
BD1040YS ZSELEC-BD1040YS Datasheet
149Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
SK1040P ZSELEC-SK1040P Datasheet
137Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
SR1020 ZSELEC-SR1020 Datasheet
69Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
MBR1040CK ZSELEC-MBR1040CK Datasheet
278Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com