Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34920 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MC34920
Description  2.8 OHM (Typ) Quad H-Bridge Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC34920 Datasheet(HTML) 5 Page - Motorola, Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
34920
5
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
VB+ Supply Voltage
VVB+
45
V
VCC Voltage
VCC(MAX)
7.0
V
Bridge Output Current
IOUT
1.5
A
Maximum Voltage on RESET (Note 1)
VMAXRST
VCC - 0.5
V
ESD Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
VESD1
VESD2
±1000
±100
V
Storage Temperature
TSTG
-40 to 175
°C
Operating Ambient Temperature
TA
0 to 70
°C
Operating Junction Temperature
TJ
135
°C
Power Dissipation (TA = 25° C) (Note 4)
PD
2.0
W
Terminal Soldering Temperature (Note 5)
TSOLDER
220
°C
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
37
°C/W
Notes
1.
RESET
is an open drain (open collector) output with an internal pull-up resistor.
2.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω).
3.
ESD2 testing is performed in accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
4.
Maximum power dissipation at indicated ambient temperature in free air with no heatsink used.
5.
Terminal soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
6.
RθJA is dependent on customer application and PCB layout.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A3988Quad DMOS Full Bridge PWM Motor Driver 1 2 3 4 5 MoreAllegro MicroSystems
175101.2 A 15 V H-Bridge Motor Driver IC 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC17550Quad H-Bridge Micromotor Driver with DC/DC Boost Converter 1 2 3 4 5 MoreMotorola, Inc
M63160JSTEPPING MOTOR DRIVER 1 2 3 4 5 MoreRenesas Technology Corp
NJU7327Single-phase DC Brushless Motor Driver IC 1 2 3 4 5 MoreNew Japan Radio
DBL2018-C2 MOTOR DRIVER FOR A VTR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
908E626Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MM88C29Quad Single-Ended Line Driver . Dual Differential Line Driver 1 2 3 4 5 MoreFairchild Semiconductor
MC1488_06RS-232 quad line driver 1 2 3 4 5 MoreSTMicroelectronics
BD6609FVSpindle Motor Driver for CD/MD 1 2 Rohm

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn