Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1741CD Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC1741CD
Description  Internally Compensated, High Performance Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1741CD Datasheet(HTML) 6 Page - ON Semiconductor

  MC1741CD Datasheet HTML 1Page - ON Semiconductor MC1741CD Datasheet HTML 2Page - ON Semiconductor MC1741CD Datasheet HTML 3Page - ON Semiconductor MC1741CD Datasheet HTML 4Page - ON Semiconductor MC1741CD Datasheet HTML 5Page - ON Semiconductor MC1741CD Datasheet HTML 6Page - ON Semiconductor MC1741CD Datasheet HTML 7Page - ON Semiconductor MC1741CD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC1741C
http://onsemi.com
6
PACKAGE DIMENSIONS
PDIP–8
P1 SUFFIX
CASE 626–05
ISSUE K
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
14
5
8
F
NOTE 2
–A–
–B–
–T–
SEATING
PLANE
H
J
G
D
K
N
C
L
M
M
A
M
0.13 (0.005)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.40
10.16
0.370
0.400
B
6.10
6.60
0.240
0.260
C
3.94
4.45
0.155
0.175
D
0.38
0.51
0.015
0.020
F
1.02
1.78
0.040
0.070
G
2.54 BSC
0.100 BSC
H
0.76
1.27
0.030
0.050
J
0.20
0.30
0.008
0.012
K
2.92
3.43
0.115
0.135
L
7.62 BSC
0.300 BSC
M
---
10
---
10
N
0.76
1.01
0.030
0.040
__
SO–8
D SUFFIX
CASE 751–06
ISSUE T
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10


Similar Part No. - MC1741CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1741CD MOTOROLA-MC1741CD Datasheet
1Mb / 5P
   OPERATIONAL AMPLIFIER SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
ON Semiconductor
MC1741CD ONSEMI-MC1741CD Datasheet
86Kb / 8P
   Internally Compensated, High Performance Operational Amplifier
April, 2000 - Rev. 6
MC1741CDR2 ONSEMI-MC1741CDR2 Datasheet
86Kb / 8P
   Internally Compensated, High Performance Operational Amplifier
April, 2000 - Rev. 6
More results

Similar Description - MC1741CD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1741C ONSEMI-MC1741C Datasheet
86Kb / 8P
   Internally Compensated, High Performance Operational Amplifier
April, 2000 - Rev. 6
logo
List of Unclassifed Man...
ECG941 ETC1-ECG941 Datasheet
507Kb / 8P
   INTERNALLY-COMPENSATED OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MC1556 MOTOROLA-MC1556 Datasheet
264Kb / 6P
   INTERNALLY COMPENSATED, HIGH PERFORMANCE OPERATONAL AMPLIFIER
logo
NXP Semiconductors
NE5532 PHILIPS-NE5532 Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
5532 PHILIPS-5532 Datasheet
308Kb / 4P
   Internally Compensated dual low noise Operational amplifier
logo
ON Semiconductor
NE5532 ONSEMI-NE5532 Datasheet
170Kb / 10P
   Internally Compensated Dual Low Noise Operational Amplifier
March, 2006 ??Rev. 1
logo
Fairchild Semiconductor
UA709 FAIRCHILD-UA709 Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Texas Instruments
UA777 TI-UA777 Datasheet
230Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
Unisonic Technologies
UD36061G-AG6-R UTC-UD36061G-AG6-R Datasheet
198Kb / 6P
   Internally Compensated
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com