Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSHF5410 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSHF5410
Description  High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHF5410 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSHF5410_11 Datasheet HTML 1Page - Vishay Siliconix TSHF5410_11 Datasheet HTML 2Page - Vishay Siliconix TSHF5410_11 Datasheet HTML 3Page - Vishay Siliconix TSHF5410_11 Datasheet HTML 4Page - Vishay Siliconix TSHF5410_11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TSHF5410
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 24-Aug-11
3
Document Number: 81303
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Pulse Forward Current vs. Pulse Duration
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Radiant Intensity vs. Forward Current
Fig. 6 - Radiant Power vs. Forward Current
Fig. 7 - Relative Radiant Power vs. Wavelength
Fig. 8 - Relative Radiant Intensity vs. Angular Displacement
100
1000
0.01
0.1
1
10
100
tp - Pulse Duration (ms)
16031
t
p/T = 0.01
0.05
0.2
0.5
0.1
0.02
T
amb < 50 °C
18873
1000
100
10
1
VF - Forward Voltage (V)
02
4
t
p = 100 µs
t
p/T = 0.001
13
0.1
1
10
100
1000
1
10
100
1000
18220
IF - Forward Current (mA)
0.1
1
10
100
1000
110
100
1000
16971
IF - Forward Current (mA)
800
900
λ - Wavelength (nm)
1000
20082
0
0.25
0.5
0.75
1.0
1.25
94 8883
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
0.2
0.4


Similar Part No. - TSHF5410_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHF5410 VISHAY-TSHF5410_08 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSHF5410 VISHAY-TSHF5410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.3, 25-Jun-09
TSHF5410 VISHAY-TSHF5410_V01 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm,GaAlAs Double Hetero
01-Jan-2022
TSHF5410 VISHAY-TSHF5410_V02 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Similar Description - TSHF5410_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHF5410 VISHAY-TSHF5410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.3, 25-Jun-09
TSHF6410 VISHAY-TSHF6410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
TSSF4500 VISHAY-TSSF4500_11 Datasheet
96Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.7, 24-Aug-11
VSMF3710 VISHAY-VSMF3710_V01 Datasheet
143Kb / 6P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
01-Jan-2022
VSMF3710 VISHAY-VSMF3710_09 Datasheet
149Kb / 7P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.7, 03-Nov-09
TSHF6410 VISHAY-TSHF6410_V02 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
01-Jan-2023
VSMF3710 VISHAY-VSMF3710_15 Datasheet
132Kb / 6P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 2.0, 02-Nov-15
TSHF6210 VISHAY-TSHF6210 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
TSHF5210 VISHAY-TSHF5210_V01 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
01-Jan-2022
TSHF5410 VISHAY-TSHF5410_V01 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm,GaAlAs Double Hetero
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com