Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3180-MAX3183 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX3180-MAX3183
Description  3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3180-MAX3183 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3180-MAX3183 Datasheet HTML 1Page - Maxim Integrated Products MAX3180-MAX3183 Datasheet HTML 2Page - Maxim Integrated Products MAX3180-MAX3183 Datasheet HTML 3Page - Maxim Integrated Products MAX3180-MAX3183 Datasheet HTML 4Page - Maxim Integrated Products MAX3180-MAX3183 Datasheet HTML 5Page - Maxim Integrated Products MAX3180-MAX3183 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX3180–MAX3183 are single RS-232 receivers in
a SOT23-5 package for space- and cost-constrained
applications requiring minimal RS-232 communications.
These devices minimize power and heat dissipation by
consuming only 0.5µA supply current from a +3.0V to
+5.5V supply voltage. They guarantee true RS-232 per-
formance up to a 1.5Mbps data rate.
The MAX3180/MAX3182 feature a three-state TTL/
CMOS receiver output that is controlled by an EN logic
input. The MAX3181/MAX3183 feature an INVALID out-
put that indicates valid RS-232 signals at the receiver
input for applications requiring automatic system wake-
up. The MAX3180/MAX3181 receivers have a standard
inverting output, while the MAX3182/MAX3183 receivers
have a noninverting output.
Applications
Diagnostic Ports
Set-Top Boxes
Telecommunications
Digital Cameras
Networking Equipment
Hand-Held Equipment
Features
o Tiny SOT23-5 Package
o 0.5µA Supply Current
o 1.5Mbps Guaranteed Data Rate
o Meet EIA/TIA-232 and V.28/V.24 Specifications
Down to VCC = +3.0V
o
INVALID Output Indicates Valid RS-232 Signal at
Receiver Input (MAX3181/MAX3183)
o Three-State TTL/CMOS Receiver Output
(MAX3180/MAX3182)
o Noninverting RS-232 Output (MAX3182/MAX3183)
+3V to +5.5V, 1.5Mbps
RS-232 Receivers in SOT23-5
________________________________________________________________
Maxim Integrated Products
1
19-1444; Rev 1; 7/99
Ordering Information
PART
MAX3180EUK-T
TOP
MARK
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
ADKF
MAX3181EUK-T -40°C to +85°C
5 SOT23-5
ADKG
MAX3182EUK-T -40°C to +85°C
5 SOT23-5
ADKH
MAX3183EUK-T -40°C to +85°C
5 SOT23-5
ADKI
Selector Guide
Pin Configurations/Functional Diagrams
MAX3180
SUPPLY
CURRENT (µA)
0.5
INVALID
OUTPUT
INVERTING
ROUT

NONINVERTING
ROUT
MAX3181
0.5


MAX3182
0.5

MAX3183
0.5


GND
RIN
ROUT
15
5k
VCC
EN (INVALID)
MAX3180
MAX3181
SOT23-5
TOP VIEW
2
34
GND
RIN
ROUT
15
5k
VCC
EN (INVALID)
MAX3182
MAX3183
SOT23-5
2
34
( ) ARE FOR MAX3181/MAX3183 ONLY
.
EN
INPUT


PART
SOT23-5
PACKAGE
SOT23-5
SOT23-5
SOT23-5


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn